| 전자부품 데이터시트 검색엔진 |
|
52719 데이터시트(PDF) 12 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
52719 데이터시트(HTML) 12 Page - Wiha Tools |
|
12 / 40 page ![]() 12 L-key, Short Arm High alloy CVM steel, hardened, black finish. Item No. Size mm Inch mm Inch lbs. T5 37 1.5 16 .6 .01 T6 39 1.5 16 .6 .01 T7 42 1.7 16 .6 .01 T8 45 1.8 16 .6 .01 T9 48 1.9 16 .6 .01 T10 51 2.0 17 .7 .01 T15 54 2.1 19 .7 .01 T20 58 2.3 19 .7 .01 T25 63 2.5 21 .8 .02 T27 67 2.6 22 .9 .03 T30 73 2.9 24 .9 .05 T40 79 3.1 26 1.0 .06 T45 82 3.2 28 1.1 .09 T50 95 3.7 32 1.3 .13 T55 108 4.3 35 1.4 .27 T60 120 4.7 38 1.5 .40 Set, 7 Pc. In Plastic Holder Equipped with T6, T7, T8, T9, T10, T15, T20 Item No. lbs. pkg. .10 1 Set, 9 Pc. In Plastic Holder T8, T9, T10, T15, T20, T25, T27, T30, T40 Item No. lbs. pkg. .30 1 Set, 16 Pc. Equipped with T5, T6, T7, T8, T9, T10, T15, T20, T25, T27, T30, T40, T45, T50, T55, T60 Item No. lbs. pkg. 1.14 1 Short Arm L-keys Set, 9 Pc. In Metal Stand Equipped with T10, T15, T20, T25, T30, T40, T50, T55, T60 Item No. lbs. pkg. 1.86 1 L-key, Long Arm High alloy CVM steel, hardened, black finish. Item No. Size mm Inch mm Inch lbs. T5 71 2.8 12 .5 .06 T6 78 3.1 13 .5 .07 T7 87 3.4 16 .6 .10 T8 99 3.9 18 .7 .13 T9 106 4.2 18 .7 .17 T10 118 4.6 21 .8 .23 T15 131 5.2 23 .9 .33 T20 144 5.7 25 1.0 .44 T25 158 6.2 28 1.1 .65 T27 169 6.7 30 1.2 .98 T30 184 7.2 32 1.3 1.27 T40 201 7.9 35 1.4 2.09 T45 222 8.7 40 1.6 2.70 T50 213 8.4 40 1.6 3.14 Long Arm Set, 13 Pc. in Molded Holder Equipped with T5, T6, T7, T8, T9, T10, T15, T20, T25, T27, T30, T40, T50 Item No. lbs. pkg. 1.13 1 Security Torx® L-Keys Security L-key, Short Arm High alloy CVM steel, hardened, black finish. Item No. Size mm Inch mm Inch lbs. T8s 45 1.8 16 .6 .01 T9s 48 1.9 16 .6 .01 T10s 51 2.0 17 .7 .01 T15s 54 2.1 19 .7 .01 T20s 58 2.3 19 .7 .02 T25s 63 2.5 21 .8 .02 T27s 67 2.6 22 .9 .03 T30s 73 2.9 24 .9 .04 T40s 79 3.1 26 1.0 .06 T45s 82 3.2 28 1.1 .09 T50s 95 3.7 35 1.3 .13 T55s 108 4.3 38 1.4 .27 Security Set, 9 Pcs. In Plastic Holder Equipped with T8s, T9s, T10s, T15s, T20s, T25s, T27s, T30s, T40s Item No. lbs. pkg. .30 1 Long Arm Set, 10 Pc. In Molded Holder Equipped with T6, T7, T8, T9, T10, T15, T20, T25, T27, T30 Item No. lbs. pkg. 1.04 1 Security Torx® L-Key Sets Wiha Security L-keys 26 Piece Combo Pack Long Arm And Hex Inch L-key Sets, In Pouch Set includes: 36699-13pc set T5-T50 and 36991-13pc set .050 - 3/8” Item No. lbs. pkg. 2.13 1 Security Set, 6 Pcs. T10s, T15s, T20s, T25s, T27s, T30s Item No. lbs. pkg. .16 1 Long Arm L-keys Toll Free: (800) 494-6104 #36392 #36394 #36399 363 36305 36306 36307 36308 36309 36310 36315 36320 36325 36327 36330 36340 36345 36350 36355 36360 36392 36394 36399 36392 36394 36399 36390 36390 366 36645 36646 36647 36648 36649 36650 36651 36652 36653 36654 36655 36659 36660 36661 363 36323 36326 36328 36329 36332 36335 36337 36339 36342 36346 36352 36357 36699 36699 36698 36698 36694 36694 36393 36393 36391 36391 |