| 전자부품 데이터시트 검색엔진 |
|
52719 데이터시트(PDF) 14 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
52719 데이터시트(HTML) 14 Page - Wiha Tools |
|
14 / 40 page ![]() 14 Wiha Tools Wing Handle 10 Packs & 2 Packs Screwdriver, With Flag Handle - 10 Pack Blade high alloy CVM steel, hardened, black finish. Flag handle high quality plastic, impact resistant. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T5 35 1.4 63 2.6 15.0 .75 .01 10 T6 35 1.4 63 2.6 15.0 .75 .01 10 T7 35 1.4 67 2.6 19.0 .75 .01 10 T8 40 1.6 72 2.8 19.0 .75 .01 10 T9 40 1.6 74 2.9 23.5 .93 .01 10 T10 40 1.6 74 2.9 23.5 .93 .01 10 T15 45 1.8 80 3.1 28.0 1.10 .02 10 T20 45 1.8 80 3.1 28.0 1.10 .02 10 Screwdriver, With Wing Handle - 10 Pack Blade high alloy CVM steel, hardened, black finish. Wing handle high quality plastic, impact resistant. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T6 35 1.4 70 2.7 40 1.6 .02 10 T7 35 1.4 70 2.7 40 1.6 .02 10 T8 40 1.6 75 2.9 40 1.6 .02 10 T9 40 1.6 75 2.9 40 1.6 .02 10 T10 40 1.6 75 2.9 40 1.6 .02 10 T15 45 1.8 80 3.1 40 1.6 .02 10 T20 45 1.8 80 3.1 40 1.6 .02 10 Wing Handle Set, 7 Pc. In Metal Stand Set includes: T6, T7, T8, T9, T10, T15, T20 wt. .32 Flag Handle Set, 7 Pc. In Metal Stand Set includes: T6, T7, T8, T9, T10, T15, T20 wt. .31 Wing Handle Set, 7 Pc. Set includes: T6, T7, T8, T9, T10, T15, T20 wt. .16 Flag Handle Set, 7 Pc. Set includes: T6, T7, T8, T9, T10, T15, T20 wt. .14 Ideal for use with indexable carbide tooling and also for working in confined spaces Ideal for use with indexable carbide tooling and also for working in confined spaces Wiha Tools Flag Handle 10 Packs & 2 Packs Screwdriver, With Wing Handle - 2 Pack Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T6 35 1.4 70 2.7 40 1.6 .02 2 T7 35 1.4 70 2.7 40 1.6 .02 2 T8 40 1.6 75 2.9 40 1.6 .02 2 T9 40 1.6 75 2.9 40 1.6 .02 2 T10 40 1.6 75 2.9 40 1.6 .02 2 T15 45 1.8 80 3.1 40 1.6 .02 2 T20 45 1.8 80 3.1 40 1.6 .02 2 Screwdriver, With Flag Handle - 2 Pack Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T5 35 1.4 63 2.6 15.0 .75 .01 2 T6 35 1.4 63 2.6 15.0 .75 .01 2 T7 35 1.4 67 2.6 19.0 .75 .01 2 T8 40 1.6 72 2.8 19.0 .75 .01 2 T9 40 1.6 74 2.9 23.5 .93 .01 2 T10 40 1.6 74 2.9 23.5 .93 .01 2 T15 45 1.8 80 3.1 28.0 1.10 .02 2 T20 45 1.8 80 3.1 28.0 1.10 .02 2 Toll Free: (800) 494-6104 36511 36513 36514 36534 36536 36537 36538 365 37005 37006 37007 37008 37009 37010 37011 37012 370 36591 36590 37091 37090 36516 36517 36518 36519 36521 36522 36523 365 37055 37056 37057 37058 37059 37060 37061 37062 370 |