| 전자부품 데이터시트 검색엔진 |
|
36947 데이터시트(PDF) 10 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36947 데이터시트(HTML) 10 Page - Wiha Tools |
|
10 / 44 page ![]() 10 540 MagicRing Hex Metric Ball End, With Wiha T-handle Blade Chrome-V-Moly, hardened, hard chromed. Ball end for easy insertion. Wiha T-handle high quality plastic, impact resistant. Item No. mm mm mm mm Inch lbs. pkg. 54040 4.0 150 80 176 6.9 .08 10 54050 5.0 150 100 182 7.1 .14 10 54060 6.0 150 100 182 7.1 .17 10 54080 8.0 200 100 232 9.1 .29 10 54086 10.0 200 120 238 9.3 .49 10 5 Piece MagicRing Ball End T-handle Set, Metric Sizes Blade Chrome-V-Moly, hardened, hard chromed. Wiha T-handle high quality plastic, impact resistant. Item No. mm mm mm mm lbs. 54090 54040 4.0 150 54080 8.0 200 1.49 54050 5.0 150 54086 10.0 200 54060 6.0 150 Smooth edges prevent injuries & eliminate pressure marks Hole for hanging Blade Wiha exclusive Chrome-V-Moly super tool steel, hardened, hard chrome finish 54090 6 Piece MagicRing Ball End T-handle Set, Inch Sizes Blade Chrome-V-Moly, hardened, hard chromed. Wiha T-handle high quality plastic, impact resistant. Item No. Inch Inch Inch Inch lbs. 54091 54012 5/32 5.8 54018 1/4 5.8 1.59 54014 3/16 5.8 54022 5/16 7.8 54016 7/32 5.8 54024 3/8 7.8 54091 540 MagicRing Hex Inch Ball End, With Wiha T-handle Blade Chrome-V-Moly, hardened, hard chromed. Ball end for easy insertion. Wiha T-handle high quality plastic, impact resistant. Item No. Inch Inch Inch Inch lbs. pkg. 54012 5/32 5.8 2.8 6.9 .08 10 54014 3/16 5.8 4.0 7.2 .14 10 54016 7/32 5.8 4.0 7.2 .16 10 54018 1/4 5.8 4.0 7.2 .19 10 54022 5/16 7.8 4.0 7.2 .29 10 54024 3/8 7.8 4.7 7.5 .45 10 Handle is molded directly onto blade Screw Holding Hex Tools Wiha MagicRing Screw Holding T-handle Proportioned ergonomic handle designed for high torque Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP |