| 전자부품 데이터시트 검색엔진 |
|
36947 데이터시트(PDF) 15 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36947 데이터시트(HTML) 15 Page - Wiha Tools |
|
15 / 44 page ![]() 15 9 Piece MagicRing Metric Ball End Hex Screwdriver Set Hex blade Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. mm mm mm mm lbs. 36790 36715* 1.5 75 36750 5.0 150 2.06 36720* 2.0 100 36760 6.0 150 36725* 2.5 100 36780 8.0 200 36730 3.0 100 36786 10.0 200 36740 4.0 125 * Standard Ball - No Ring 36790 6 Piece MagicRing Metric Ball End Hex Screwdriver Set Hex blade Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. Item No. mm mm mm mm lbs. 36792 36730 3.0 100 36760 6.0 150 1.86 36740 4.0 125 36780 8.0 200 36750 5.0 150 36786 10.0 200 36792 Hard Chrome Finish Cushioned grip and extra large diameter to achieve high torque Flat surfaces give roll-off protection molded on handle for permanent bond Screw Holding Hex Tools Screw Holding Hardened spring steel retaining ring holds screws on Hard chrome super durable corrosion resistant finish Precision machined for exact fit Made from Wiha exclusive Chrome-V-Moly hardened tool steel Don’t Drop That Screw! Save Valuable Time! Improve Productivity! Make The Job Easy! MagicRing Ball End Hex Driver Metric, With Wiha-SoftFinish® Handle Hex blade, Chrome-V-Moly, hardened, hard chromed. Wiha-SoftFinish® handle, multi-component, cushion grip. 367 Item No. mm mm mm lbs. pkg. 36715* 1.5 75 179 .06 10 36720* 2.0 100 204 .07 10 36725* 2.5 100 204 .07 10 With MagicRing 36730 3.0 100 204 .07 10 36740 4.0 125 211 .12 10 36750 5.0 150 243 .16 10 36760 6.0 150 243 .23 10 36780 8.0 200 268 .37 10 36786 10.0 200 271 .54 10 * Standard Ball - No Ring Wiha MagicRing SoftFinish® Hex Drivers www.wihatools.com SHOP SHOP SHOP |