| 전자부품 데이터시트 검색엔진 |
|
36966 데이터시트(PDF) 12 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36966 데이터시트(HTML) 12 Page - Wiha Tools |
|
12 / 44 page ![]() 12 For angle entry Soft Grip Dual Drive T-handle - Black Finish 334 Soft Grip Ball End Hex Metric Dual Drive T-handle Chrome-V- Moly, hardened, black finish. Ball tip for speed & easy insertion. Wiha soft grip are molded on with through the handle side torque drive. Item No. mm mm lbs. pkg. 33442* 2.0 150 .06 10 33444* 2.5 150 .06 10 33446* 3.0 150 .07 10 33448 4.0 150 .09 10 33450 5.0 150 .18 10 33452 6.0 150 .21 10 33454 8.0 200 .35 10 33458 10.0 200 .55 10 *No Ball - Standard Hex 8 Pc. Ball End Hex Metric Soft Grip T-handle Set Blade Chrome-V-Moly, hardened, black finish. Wiha soft grip are molded on with through the handle side torque drive. Item No. mm mm mm mm lbs. 33496 33442* 2.0 150 33450 5.0 150 2.04 33444* 2.5 150 33452 6.0 150 33446* 3.0 150 33454 8.0 200 33448 4.0 150 33458 10.0 200 *No Ball - Standard Hex 33496 334 Soft Grip Ball End Hex Inch Dual Drive T-handle Chrome-V- Moly, hardened, black finish. Ball tip for speed & easy insertion. Wiha soft grips are molded on with through the handle side torque drive. Item No. Inch Inch lbs. pkg. 33418* 5/64 5.9 .06 10 33420* 3/32 5.9 .06 10 33422* 7/64 5.9 .07 10 33424* 1/8 5.9 .08 10 33426* 9/64 5.9 .08 10 33428 5/32 5.9 .09 10 33430 3/16 5.9 .17 10 33432 7/32 5.9 .20 10 33433 1/4 5.9 .23 10 33439 5/16 7.9 .35 10 33440 3/8 7.9 .51 10 *No Ball - Standard Hex For angle entry 11 Pc. Ball End Hex Inch Soft Grip Dual Drive T-handle Set Item No. Inch Inch Inch Inch lbs. 33494 33418* 5/64 5.9 33430 3/16 5.9 2.39 33420* 3/32 5.9 33432 7/32 5.9 33422* 7/64 5.9 33433 1/4 5.9 33424* 1/8 5.9 33439 5/16 7.9 33426* 9/64 5.9 33440 3/8 7.9 33428 5/32 5.9 *No Ball - Standard Hex 33494 8 Piece Ball End Hex Inch Soft Grip T-handle Set Item No. Inch Inch Inch Inch lbs. 33498 33424* 1/8 5.9 33432 7/32 5.9 2.15 33426* 9/64 5.9 33433 1/4 5.9 33428 5/32 5.9 33439 5/16 7.9 33430 3/16 5.9 33440 3/8 7.9 *No Ball - Standard Hex 33498 Item No. mm mm lbs. 33489 33442* 2.0 150 3.33 33444* 2.5 150 33446* 3.0 150 33448 4.0 150 33450 5.0 150 33452 6.0 150 33454 8.0 200 33458 10.0 200 *No Ball - Standard Hex 33489 Black Finish Black Finish 8 Piece Hex & Ball End Hex Metric Soft Grip T-handle Set Blade Chrome-V-Moly, hardened, black finish. Wiha soft grips are molded on with through the handle side torque drive. Item No. Inch Inch lbs. 33499 33424* 1/8 5.9 3.46 33426* 9/64 5.9 33428 5/32 5.9 33430 3/16 5.9 33432 7/32 5.9 33433 1/4 5.9 33439 5/16 7.9 33440 3/8 7.9 *No Ball - Standard Hex 33499 8 Piece Hex & Ball End Hex Inch Soft Grip T-handle Set Blade Chrome-V-Moly, hardened, black finish. Wiha soft grips are molded on with through the handle side torque drive. In metal stand In metal stand Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP SHOP SHOP SHOP |