전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

36966 데이터시트(PDF) 13 Page - Wiha Tools

부품명 36966
상세설명  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIHA [Wiha Tools]
홈페이지  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36966 데이터시트(HTML) 13 Page - Wiha Tools

Back Button 36966 Datasheet HTML 9Page - Wiha Tools 36966 Datasheet HTML 10Page - Wiha Tools 36966 Datasheet HTML 11Page - Wiha Tools 36966 Datasheet HTML 12Page - Wiha Tools 36966 Datasheet HTML 13Page - Wiha Tools 36966 Datasheet HTML 14Page - Wiha Tools 36966 Datasheet HTML 15Page - Wiha Tools 36966 Datasheet HTML 16Page - Wiha Tools 36966 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Hex Inch & Metric Drivers, With Wiha T-handle Chamfered tip
for easy insertion. Wiha-T-handle high quality plastic, impact resistant.
Item
No.
mm
mm
mm
mm
Inch
lbs.
pkg.
33401
2.0
100
80
126
4.9
.05
10
33436
2.0
200
80
226
8.9
.05
10
33402
2.5
100
80
126
4.9
.05
10
33437
2.5
200
80
226
8.9
.08
10
33403
3.0
100
80
126
4.9
.05
10
33404
3.0
150
80
176
6.9
.08
10
33405
3.0
200
80
226
8.9
.09
10
33435
3.0
350
100
382
15.0
.22
10
33406
4.0
100
80
126
4.9
.07
10
33407
4.0
150
80
176
6.9
.10
10
33408
4.0
200
80
226
8.9
.09
10
33438
4.0
350
100
382
15.0
.26
10
33409
5.0
100
100
132
5.2
.13
10
33410
5.0
150
100
182
7.1
.17
10
33411
5.0
200
100
232
9.1
.16
10
33412
5.0
350
100
382
15.0
.26
10
33413
5.0
450
120
488
19.1
.53
10
33414
6.0
100
100
132
5.2
.14
10
33415
6.0
150
100
182
7.1
.18
10
33416
6.0
200
100
232
9.1
.20
10
33417
6.0
350
100
382
15.0
.32
10
33419
7.0
200
100
232
9.1
.22
10
33421
8.0
100
100
132
5.2
.20
10
33423
8.0
200
100
232
9.1
.29
10
33434
8.0
350
100
372
14.6
.48
10
33425
10.0
100
120
138
5.4
.34
10
33427
10.0
200
120
238
9.3
.49
10
33429
12.0
200
120
238
9.3
.58
10
10 Piece Hex Driver T-handle Set, Inch Sizes
Item
No.
Inch Inch
Inch
Inch
lbs.
33492
33453
3/32 6.0
33468
3/16
6.0
1.74
33456
7/64 6.0
33471
7/32
6.0
33459
1/8
6.0
33474
1/4
6.0
33462
9/64 6.0
33477
5/16
6.0
33465
5/32 6.0
33480
3/8
6.0
Ergonomic handle design for high torque
Smooth edges prevent
injuries & eliminate
pressure marks
Hole for
hanging
Handle is molded
directly onto blade
Blade Wiha exclusive
Chrome-V-Moly super
tool steel hardened,
nickel-plated
33492
8 Pc. Hex Driver T-handle Set, Inch Sizes - In metal stand
Item
No.
Inch Inch
Inch
Inch
lbs.
33484
33459
1/8
6.0
33471
7/32
6.0
3.07
33462
9/64 6.0
33474
1/4
6.0
33465
5/32 6.0
33477
5/16
6.0
33468
3/16 6.0
33480
3/8
6.0
33484
8 Piece Hex Driver T-handle Set, Metric Sizes
Item
No.
mm
mm
mm
mm
lbs.
33493
33401
2.0
100
33409
5.0
100
1.64
33402
2.5
100
33416
6.0
200
33403
3.0
100
33423
8.0
200
33406
4.0
100
33427
10.0
200
33493
8 Pc. Hex Driver T-handle Set, Metric Sizes - In metal stand
Item
No.
mm
mm
mm
mm
lbs.
33488
33401
2.0
100
33410
5.0
150
3.07
33402
2.5
100
33415
6.0
150
33403
3.0
100
33423
8.0
200
33406
4.0
100
33427
10.0
200
33488
Item
No.
Inch
Inch
Inch
Inch
lbs.
pkg.
33453
3/32
6.0
2.8
7.0
.05
10
33456
7/64
6.0
2.8
7.0
.05
10
33459
1/8
6.0
2.8
7.0
.06
10
33462
9/64
6.0
2.8
7.0
.07
10
33465
5/32
6.0
2.8
7.0
.08
10
33468
3/16
6.0
3.5
7.0
.13
10
33471
7/32
6.0
3.5
7.0
.16
10
33474
1/4
6.0
3.5
7.0
.18
10
33477
5/16
6.0
3.5
7.0
.25
10
33480
3/8
6.0
4.1
7.0
.39
10
334
Yellow = Inch
Red = Metric
Wiha T-handle Hex Tools
#33484
#33488
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44