전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2850MP 데이터시트(PDF) 5 Page - Analog Devices

부품명 LTC2850MP
상세설명  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP 데이터시트(HTML) 5 Page - Analog Devices

  LTC2850MP Datasheet HTML 1Page - Analog Devices LTC2850MP Datasheet HTML 2Page - Analog Devices LTC2850MP Datasheet HTML 3Page - Analog Devices LTC2850MP Datasheet HTML 4Page - Analog Devices LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2850/LTC2851/LTC2852
5
285012fe
For more information www.linear.com/LTC2850
SWITCHING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. High temperatures degrade operating lifetimes.
Operating lifetime is derated at temperatures greater than 105°C.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD, tPHLD Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
10
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
6
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
12.5
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0V (Figure 5)
(LTC2850, LTC2852)
l
70
ns
tZHSD, tZLSD Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC (Figure 5)
(LTC2850, LTC2852)
l
8
µs
tSHDN
Time to Shutdown
RL = 500Ω, CL = 50pF, (DE = ↓, RE = VCC)
or (DE = 0V, RE = ↑) (Figure 5) (LTC2850,
LTC2852)
l
100
ns
Receiver
tPLHR, tPHLR Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
50
70
ns
tSKEWR
Differential Receiver Skew
|tPLHR – tPHLR|
CL = 15pF (Figure 6)
l
1
6
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
12.5
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable
RL =1k, CL =15pF, DE = VCC (Figure 7)
(LTC2850, LTC2852)
l
50
ns
tZHSR, tZLSR Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V (Figure 7)
(LTC2850, LTC2852)
l
8
µs
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection activates at a junction temperature exceeding
150°C. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICCS
Supply Current in Shutdown Mode
DE = 0V, RE = VCC,
LTC2850, LTC2852 (C and I-Grade)
LTC2850, LTC2852 (H-Grade)
l
l
0
0
5
15
µA
µA
ICCR
Supply Current in Receive Mode
DE = 0V, RE = 0V (LTC2850, LTC2852)
l
370
900
µA
ICCT
Supply Current in Transmit Mode
No Load, DE = VCC, RE = VCC (LTC2850,
LTC2852)
l
450
1000
µA
ICCTR
Supply Current with Both Driver and
Receiver Enabled
No Load, DE = VCC, RE = 0V
l
450
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com