전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2850MP 데이터시트(PDF) 12 Page - Analog Devices

부품명 LTC2850MP
상세설명  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP 데이터시트(HTML) 12 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices LTC2850MP Datasheet HTML 10Page - Analog Devices LTC2850MP Datasheet HTML 11Page - Analog Devices LTC2850MP Datasheet HTML 12Page - Analog Devices LTC2850MP Datasheet HTML 13Page - Analog Devices LTC2850MP Datasheet HTML 14Page - Analog Devices LTC2850MP Datasheet HTML 15Page - Analog Devices LTC2850MP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2850/LTC2851/LTC2852
12
285012fe
For more information www.linear.com/LTC2850
APPLICATIONS INFORMATION
To minimize capacitive effects, the differential signals
should be separated by more than the width of a trace
and should not be routed on top of each other if they are
on different signal planes.
Care should be taken to route outputs away from any
sensitive inputs to reduce feedback effects that might
cause noise, jitter, or even oscillations. For example, in
the full-duplex devices, DI and A/B should not be routed
near the driver or receiver outputs.
Thelogicinputshave150mVofhysteresistoprovidenoise
immunity. Fast edges on the outputs can cause glitches in
the ground and power supplies which are exacerbated by
capacitive loading. If a logic input is held near its threshold
(typically 1.5V), a noise glitch from a driver transition may
exceed the hysteresis levels on the logic and data input
pins causing an unintended state change. This can be
avoided by maintaining normal logic levels on the pins
and by slewing inputs through their thresholds by faster
than 1V/µs when transitioning. Good supply decoupling
and proper driver termination also reduce glitches caused
by driver transitions.
285012 F14
DATA RATE (bps)
10k
1M
10M
100k
100M
100
1k
10
10k
RS485/RS422
MAX DATA RATE
LTC2850/
LTC2851/LTC2852
MAX DATA RATE
Figure 14. Cable Length vs Data Rate
(RS485/RS422 Standard Shown in Solid Line)
Cable Length vs Data Rate
For a given data rate, the maximum transmission distance
is bounded by the cable properties. A curve of cable length
vs data rate compliant with the RS485/RS422 standards
is shown in Figure 14. Three regions of this curve reflect
different performance limiting factors in data transmis-
sion. In the flat region of the curve, maximum distance
is determined by resistive losses in the cable. The down-
ward sloping region represents limits in distance and
data rate due to AC losses in the cable. The solid vertical
line represents the specified maximum data rate in the
RS485/RS422 standards. The dashed lines at 20Mbps
show the maximum data rates of the LTC2850, LTC2851
and LTC2852.
Figure 13. Supply Current vs Data Rate
DATA RATE (Mbps)
0.1
20
60
70
80
1
10
100
285012 F13
50
40
30
RDIFF = 54
CL = 1000pF
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com