전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2852MP 데이터시트(PDF) 3 Page - Analog Devices

부품명 LTC2852MP
상세설명  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC2852MP 데이터시트(HTML) 3 Page - Analog Devices

  LTC2852MP Datasheet HTML 1Page - Analog Devices LTC2852MP Datasheet HTML 2Page - Analog Devices LTC2852MP Datasheet HTML 3Page - Analog Devices LTC2852MP Datasheet HTML 4Page - Analog Devices LTC2852MP Datasheet HTML 5Page - Analog Devices LTC2852MP Datasheet HTML 6Page - Analog Devices LTC2852MP Datasheet HTML 7Page - Analog Devices LTC2852MP Datasheet HTML 8Page - Analog Devices LTC2852MP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2850/LTC2851/LTC2852
3
285012fe
For more information www.linear.com/LTC2850
PRODUCT SELECTION GUIDE
ORDER INFORMATION
LTC2850 C
DD
#TR PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = Tape and Reel
PACKAGE TYPE
DD = 8-Lead Plastic DFN
DD = 10-Lead Plastic DFN
MS8 = 8-Lead Plastic MSOP
MS = 10-Lead Plastic MSOP
S8 = 8-Lead Plastic SO
S = 14-Lead Plastic SO
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
MP = Military Temperature Range (–55°C to 125°C)
PRODUCT PART NUMBER
LTC2850 = Half Duplex, with Enables
LTC2851 = Full Duplex, No Enables
LTC2852 = Full Duplex, with Enables
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PART NUMBER
PART MARKING
DUPLEX
LOW POWER SHUTDOWN MODE
PACKAGE
LTC2850
2850/I/H, LTCQD, LCQC
Half
Yes
SO-8, MSOP-8, DFN-8
LTC2851
2851/I/H, LTCWF, LCWD
Full
No
SO-8, MSOP-8, DFN-8
LTC2852
2852CS/IS/HS, LTCRX, LCRY
Full
Yes
SO-14, MSOP-10, DFN-10
LTC2850MP
2850MP, LTFYD, LFYC
Half
Yes
SO-8, MSOP-8, DFN-8
LTC2851MP
2851MP, LTFYG, LFYF
Full
No
SO-8, MSOP-8, DFN-8
LTC2852MP
2852MPS, LTFYH, LFYJ
Full
Yes
SO-14, MSOP-10, DFN-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com