전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2852MP 데이터시트(PDF) 4 Page - Analog Devices

부품명 LTC2852MP
상세설명  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC2852MP 데이터시트(HTML) 4 Page - Analog Devices

  LTC2852MP Datasheet HTML 1Page - Analog Devices LTC2852MP Datasheet HTML 2Page - Analog Devices LTC2852MP Datasheet HTML 3Page - Analog Devices LTC2852MP Datasheet HTML 4Page - Analog Devices LTC2852MP Datasheet HTML 5Page - Analog Devices LTC2852MP Datasheet HTML 6Page - Analog Devices LTC2852MP Datasheet HTML 7Page - Analog Devices LTC2852MP Datasheet HTML 8Page - Analog Devices LTC2852MP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2850/LTC2851/LTC2852
4
285012fe
For more information www.linear.com/LTC2850
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
|VOD|
Differential Driver Output Voltage
R = ∞, VCC = 3V (Figure 1)
R = 27Ω, VCC = 3V (Figure 1)
R = 50Ω, VCC = 3.13V (Figure 1)
l
l
l
1.5
2
VCC
VCC
VCC
V
V
V
Δ|VOD|
Difference in Magnitude of Driver Differential
Output Voltage for Complementary Output
States
R = 27Ω or 50Ω (Figure 1)
l
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
3
V
Δ|VOC|
Difference in Magnitude of Driver Common
Mode Output Voltage for Complementary
Output States
R = 27Ω or 50Ω (Figure 1)
l
0.2
V
IOZD
Driver Three-State (High Impedance) Output
Current on Y and Z
DE = 0V, (Y or Z) = –7V, 12V (LTC2852)
H-Grade
l
l
±10
±50
µA
µA
IOSD
Maximum Driver Short-Circuit Current
–7V ≤ (Y or Z) ≤ 12V (Figure 2)
l
–250
±180
±250
300
mA
mA
Receiver
IIN
Receiver Input Current (A, B)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (C, I-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (C, I-Grade)
l
l
–100
125
µA
µA
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (H-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (H-Grade)
l
l
–145
250
µA
µA
RIN
Receiver Input Resistance
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(C, I-Grade)
l
96
125
kΩ
RE = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(H-Grade)
l
48
125
kΩ
VTH
Receiver Differential Input Threshold Voltage –7V ≤ B ≤ 12V
l
±0.2
V
ΔVTH
Receiver Input Hysteresis
B = 0V
25
mV
VOH
Receiver Output High Voltage
I(RO) = –4mA, A-B = 200mV, VCC = 3V
l
2.4
V
VOL
Receiver Output Low Voltage
I(RO) = 4mA, A-B = –200mV, VCC = 3V
l
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
RE = VCC, 0V ≤ RO ≤ VCC (LTC2850, LTC2852)
l
±1
µA
IOSR
Receiver Short-Circuit Current
0V ≤ RO ≤ VCC
l
±85
mA
Logic
VIH
Logic Input High Voltage
VCC = 3.6V
l
2
V
VIL
Logic Input Low Voltage
VCC = 3V
l
0.8
V
IINL
Logic Input Current
l
0
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com