전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B2425 데이터시트(PDF) 17 Page - HAKKO Corporation

부품명 B2425
상세설명  Desoldering Tool
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAKKO [HAKKO Corporation]
홈페이지  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

B2425 데이터시트(HTML) 17 Page - HAKKO Corporation

Back Button B2425 Datasheet HTML 13Page - HAKKO Corporation B2425 Datasheet HTML 14Page - HAKKO Corporation B2425 Datasheet HTML 15Page - HAKKO Corporation B2425 Datasheet HTML 16Page - HAKKO Corporation B2425 Datasheet HTML 17Page - HAKKO Corporation B2425 Datasheet HTML 18Page - HAKKO Corporation B2425 Datasheet HTML 19Page - HAKKO Corporation B2425 Datasheet HTML 20Page - HAKKO Corporation B2425 Datasheet HTML 21Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
●
Vacuum Mode
1. Move the cursor to select “VacuumMode”.
After selecting, press <OK>.
2. Normal and Timer will be switched alternately
if you press the <↑> or <↓> button.
3. Return to parameter setting display
if you press the <OK> button after
setting.
●
Vacuum Time
1. Move the cursor to select “Vacuum Time”.
After selecting, press <OK>.
2. Press the <↑> or <↓> button, you can
change to the desired value.
3. Return to parameter setting display
if you press the <OK> button after
setting.
* When selecting Timer:
“Vacuum Time” appears under “Vacuum Mode” in the parameter select screen.
Select whether you manually operate the desoldering pump or use the timer function.
Normal:Solder is sucked only when you are pulling the trigger.
Timer:Even after you release the trigger, sucking continues for the specified period of time.
* Set time in “Vacuum Time.”
<↑>
<↓>
<OK>
T em p M o d e
S h u t O f f S e t
V acu umM o d e
゚ C
OFF
NOR
<↑>
<↓>
<OK>
V acuum M o d e S e t
T i me r
Select
“Normal”
Select
“Timer”
(Vacuum Time)
<↑>
<↓>
<OK>
S h u t O f f S e t
V acu umM o d e
V acu um T i me
OFF
T I ME
1s
<↑>
<↓>
<OK>
V acuum T i me S e t
0 sec
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com