전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B2425 데이터시트(PDF) 33 Page - HAKKO Corporation

부품명 B2425
상세설명  Desoldering Tool
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAKKO [HAKKO Corporation]
홈페이지  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

B2425 데이터시트(HTML) 33 Page - HAKKO Corporation

Back Button B2425 Datasheet HTML 28Page - HAKKO Corporation B2425 Datasheet HTML 29Page - HAKKO Corporation B2425 Datasheet HTML 30Page - HAKKO Corporation B2425 Datasheet HTML 31Page - HAKKO Corporation B2425 Datasheet HTML 32Page - HAKKO Corporation B2425 Datasheet HTML 33Page - HAKKO Corporation B2425 Datasheet HTML 34Page - HAKKO Corporation B2425 Datasheet HTML 35Page - HAKKO Corporation B2425 Datasheet HTML 36Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
32
Specifications
2 pcs.
2 pcs.
2 pcs.
2 pcs.
Set of 10
for vacuum outlet retainer
100 - 120V
220 - 240V
USA
220-240V
India
220V KTL, 230V CE
230V CE, U.K
China
Part No.
A1013
A1014
B1050
B1053
B1056
B1057
B1059
B1312
B1313
B2060
B2085
B2506
B3428
B5076
A5020
B5077
B3414
B2384
B3674
B3675
B2419
B2421
B2422
B2424
B2425
B2426
B2436
B3508
B3550
C5011
B5082
Part Name
Diaphragm
Valve plate
Pump head
Balance weight
Fixing plate
Ring for bearing
Exhaust filter
Crank
Filter retaining pin
Crank shaft
Diaphragm setting plate
Damper
Motor
Vacuum outlet cap
Filter
O-ring
Inner hose joint
Inlet
Fuse/250V-7A
Fuse/250V-4A
Power cord, 3 wired cord & American plug
Power cord, 3 wired cord but no plug
Power cord, 3 wired cord & BS plug
Power cord, 3 wired cord & European plug
Power cord, 3 wired cord & BS plug CE
Power cord, 3 wired cord & Australian plug
Power cord, 3 wired cord & Chinese plug
Power cord, 3 wired cord & American plug(B)
Power cord, 3 wired cord & SI plug
Tool box
Nozzle wrench
Item No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
●
HAKKO FR-400
Part No.
B1215
B1086
B1087
B1088
B1089
B1302
B1303
B1304
B1305
B1306
B1307
B1308
B1309
B1310
B1311
Part Name
Cleaning pin
Cleaning pin
Cleaning pin
Cleaning pin
Cleaning pin
Cleaning drill
Cleaning drill
Cleaning drill
Cleaning drill
Drill holder
Drill holder
Drill bit
Drill bit
Drill bit
Drill bit
Specifications
For heating element
For ø0.8 mm (0.03 in.) nozzle
For ø1.0 mm (0.04 in.) nozzle
For ø1.3 mm (0.05 in.) nozzle
For ø1.6 mm (0.06 in.) nozzle
For ø0.8 mm (0.03 in.) nozzle
For ø1.0 mm (0.04 in.) nozzle
For ø1.3 mm (0.05 in.) nozzle
For ø1.6 mm (0.06 in.) nozzle
For ø0.8 mm (0.03 in.)/1.0 mm (0.04 in.) nozzle
For ø1.3 mm (0.05 in.)/1.6 mm (0.06 in.) nozzle
For ø0.8 mm (0.03 in.) nozzle (set of 10)
For ø1.0 mm (0.04 in.) nozzle (set of 10)
For ø1.3 mm (0.05 in.) nozzle (set of 10)
For ø1.6 mm (0.06 in.) nozzle (set of 10)
●
Cleaning pin / Drill



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com