전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS2085A 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 LS2085A
상세설명  Reference Design Board Errata
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS2085A 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button LS2085A Datasheet HTML 4Page - NXP Semiconductors LS2085A Datasheet HTML 5Page - NXP Semiconductors LS2085A Datasheet HTML 6Page - NXP Semiconductors LS2085A Datasheet HTML 7Page - NXP Semiconductors LS2085A Datasheet HTML 8Page - NXP Semiconductors LS2085A Datasheet HTML 9Page - NXP Semiconductors LS2085A Datasheet HTML 10Page - NXP Semiconductors LS2085A Datasheet HTML 11Page - NXP Semiconductors LS2085A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
E-00006:
Clocks are not generated properly to the PCIe slots
Description: The 100 MHz clocks are not generated properly to the PCIe slots.
Impact:
The x8 and x4 PCIe slots are not operational.
Workaround: Remove the R399 and R394 resistors.
Figure 4. E-00006 workaround
Fix plan:
All Rev B and Rev C boards will have this fix implemented before shipping. Therefore, no
visible impact to the end user. The permanent fix will be implemented on the Rev. D boards.
LS2085A/LS2088A Reference Design Board Errata, Rev. 2, 08/2017
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26