전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS2085A 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 LS2085A
상세설명  Reference Design Board Errata
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS2085A 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button LS2085A Datasheet HTML 7Page - NXP Semiconductors LS2085A Datasheet HTML 8Page - NXP Semiconductors LS2085A Datasheet HTML 9Page - NXP Semiconductors LS2085A Datasheet HTML 10Page - NXP Semiconductors LS2085A Datasheet HTML 11Page - NXP Semiconductors LS2085A Datasheet HTML 12Page - NXP Semiconductors LS2085A Datasheet HTML 13Page - NXP Semiconductors LS2085A Datasheet HTML 14Page - NXP Semiconductors LS2085A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
E-00009:
DDR rate is limited to 1866 MT/s when a single DIMM is installed
Description: The DDR only operates at a 1866 MT/s maximum rate when a single DIMM is installed (for
each controller). The Rev. C (and earlier) boards do not support two-DIMMs per controller due
to the Errata E-00004.
Impact:
For Rev. C boards and earlier: For each DDR controller, the maximum DDR rate is 1866
MT/s when one DIMM is installed.
For Rev. D boards: for each DDR controller, the maximum DDR rate is 1866 MT/s when
either one or two DIMMs per controller are installed.
For Rev. E boards and later: for each DDR controller, the maximum DDR rate is 2133 MT/s
when one DIMM is installed. When configured with two-DIMMs (per controller), DDR rate on
Rev. E and higher boards is 1866 MT/s.
Workaround: For Rev. C and earlier boards: No workaround. The boards are limited to work on one DIMM
per controller at a maximum rate of 1866 MHz.
For Rev. D boards: No workaround. Either one- or two-DIMMs per controller is supported;
DDR rate is 1866 MT/s.
For Rev. E and higher boards: Two-DIMMs per controller is supported; DDR rate is 1866
MT/s. One-DIMM per controller is supported; DDR rate is 2133 MT/s.
NOTE
On Rev. E (and higher) boards, U4 location is swapped with U5
location. Similarly, U6 location is swapped with U7 location. The
figure below shows the swapped locations.
LS2085A/LS2088A Reference Design Board Errata, Rev. 2, 08/2017
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com