| 전자부품 데이터시트 검색엔진 |
|
LX2160A-RDB-B 데이터시트(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B 데이터시트(HTML) 44 Page - NXP Semiconductors |
|
44 / 116 page ![]() Table 21. Switch settings (continued) Switch Supported function Description SW3[1:3] Device type selection TEST_SEL_B, CFG_SVR[0:1] SW_TESTSEL_B + SW_SVR[0:1] • 011: LX2120A/E • 110: LX2080A/E • 111: LX2160A/E (default setting) • All other values are reserved SW3[4] SoC use CFG_SOC_USE SW_SOCUSE • 1: Normal mode (default setting) Do not change the default setting of this switch. NOTE SW3[5:7] Unused SW_MODE_SEL[2:0] Reserved with 000 as the default settings Do not change the default settings of this switch. NOTE SW3[8] Unused Reserved with 0 as the default setting SW4[1] Bypass mode SW_BYPASS_B • 0: Disable thermal monitors and other alarms • 1: Normal operation (default setting) SW4[2] Automatic power on SW_AUTO_ON • 0: Normal power on/off (default setting) • 1: Always power up SW4[3] System configuration write protect CFG_MEM_WP SW_CFG_WP • 0: Allow writes to SYSID and I2C flash • 1: Write-protect SYSID and I2C flash (default setting) SW4[4] JTAG Scan mode TBSCAN_EN_B SW_TBSCAN • 0: Boundary Scan mode • 1: Debugging mode (default setting) SW4[5] Boot Box mode SW_BOOTBOX_B • 0: Enable Boot Box mode • 1: Normal operating mode (default setting) SW4[6] VDD power enable SW_VDD_DIS Table continues on the next page... NXP Semiconductors LX2160ARDB Functional Description QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 44 / 116 |