| 전자부품 데이터시트 검색엔진 |
|
LX2160A-RDB-B 데이터시트(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B 데이터시트(HTML) 46 Page - NXP Semiconductors |
|
46 / 116 page ![]() Table 23. LX2160ARDB LEDs (continued) Reference designator LED color LED name Description (when LED is ON) D21 Red PORST The CPLD is asserting PORESET_B to the processor and is in the process of restarting the system D22 Red RST REQ The processor is asserting RESET_REQ_B. This is typically due to the reasons described for the ASLEEP LED. D23 Red THERM Thermal monitors have detected a thermal fault and have shut down the system Unless reprogrammed by user software, the thermal trip point is 85 °C. NOTE D41 Red ROTERR The processor has been installed in the socket rotated 90, 180, or 270 degrees from the pin 1 orientation. The system and device power supplies have been shut down to protect the device. D24 Green M7 General status. See Multi-status LEDs for details. D25 Green M6 D26 Green M5 D27 Green M4 D42 Green M3 D43 Green M2 D45 Green M1 D44 Green M0 D28 Green 3VSB The ATX power supply is supplying 3.3 V “standby power” to the system. The system cannot power up unless this supply is provided. D29 Green 3V3 3V3 ATX power supply is operating correctly D30 Green VDD VDD (processor core) power supply is operating correctly D31 Green GVDD GVDD (DDR4) power supply is operating correctly D32 Green SDAV SD_AVDD power supply is operating correctly D33 Green USBV USB_SVDD power supply is operating correctly D34 Green OVDD OVDD power supply is operating correctly D35 Green 0V85 0V85 power supply is operating correctly D36 Green VTT1 VTT1 power supply is operating correctly D37 Green SDV SD_VDD power supply is operating correctly Table continues on the next page... NXP Semiconductors LX2160ARDB Functional Description QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 46 / 116 |