전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THAT2252 데이터시트(PDF) 5 Page - THAT Corporation All rights reserved.

부품명 THAT2252
상세설명  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THAT [THAT Corporation All rights reserved.]
홈페이지  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 데이터시트(HTML) 5 Page - THAT Corporation All rights reserved.

  THAT2252 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
given input frequency, fin. Larger values of
τ re-
duce ripple at the expense of longer attack and re-
lease times. For fin >> 1
4 p t , the ripple voltage at the
output is given by: VR
V
f
T
in
»
4
2
p
t
, where VR is the
rms ripple voltage.
Taking the Square Root
The square root portion of the Root-Mean Square
is implied by the constant of proportionality for
the output voltage: it is not computed explicitly.
This is because, in the log representation, taking
the square root is equivalent to division by two.
The voltage at pin 6 is proportional to the mean of
the square at approximately 3 mV/dB, and propor-
tional to the square root of the mean of the square
at approximately 6 mV/dB.
Output Buffering and Level Shifting
The voltage at pin 6 is buffered by OA3, and level
shifted down by the bias voltage V3. Level shifting
is required so that the output voltage will be zero
when the rms input current reaches a predeter-
mined value, Iin0. This current is often called level
match, and represents the 0 dB reference of the
circuit.
The various level shifts throughout the 2252 are as
follows: V2 represents one diode drop, so the volt-
age at the emitter of Q4 is +1VBE. The output of
OA2 is two diode drops higher than this, or
+3VBE. Q6 will subtract one diode drop from the
output of OA2, so the voltage at pin 6 will be
+2VBE. Finally, V3 represents two diode drops,
setting the voltage at pin 7 to 0 V.
Of course, the actual value of all these level shifts
is dependent on the currents through the transis-
tors responsible for each VBE. These currents, in
turn, are dependent on the bias programming cur-
rent in pin 2 (IBIAS) and the timing current pulled
from pin 6 (IT). This dependence may be given as
follows:
Iin
I
I
BIAS T
0
2 9
=
.
,
where Iin0 is the input current
causing 0 V output, IT is the current in pin 6, and
IBIAS is the current in pin 2. The factor 2.9 derives
from the geometry of the transistors involved.
Figure 6 plots output voltage versus input level for
a 2252 in its recommended circuit configuration
(Figure 4). In this plot, 0 dBr
≈ 43 mV. Figure 7
plots output voltage for several different con-
stant-amplitude frequency sweeps for the same cir-
cuit. The vertical divisions are 60 mV apart,
representing approximately 10 dB increments. Full
audio bandwidth is maintained over a 60 dB dy-
namic range.
Current Programming
All the internal current sources in the 2252 are
slaved to the current in pin 2, IBIAS. As mentioned
above, the choice of this current affects Iin0. IBIAS
is normally set by a resistor from pin 2 to ground
(VCC would do also). Note that the voltage at pin 2
is normally VEE + 2.1 V, where VEE is the negative
supply voltage.
Symmetry Adjustment
The rectifier (Q1 through Q3 and OA1) depends on
the matching between Q1 and Q2 for accurate re-
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600032 Rev 02
Page 5
Figure 6. 2252 DC Output Vs. AC Input Level
Figure 7. 2252 DC Output Vs. Frequency at
Various Levels
Figure 5. Tone Burst Response



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com