전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THAT2252 데이터시트(PDF) 7 Page - THAT Corporation All rights reserved.

부품명 THAT2252
상세설명  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THAT [THAT Corporation All rights reserved.]
홈페이지  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 데이터시트(HTML) 7 Page - THAT Corporation All rights reserved.

Back Button THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 10Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
The gain of the input op amp (OA1) is sufficient to
provide effective logging for Rin ≥ 10 kΩ. However,
with Rin < 10 kΩ., low level and high frequency
performance will suffer due to the finite open-loop
gain of OA1. This is because OA1 is required to
swing across a “dead zone” between turning on Q1
and Q3. The dead zone is reduced by V1. But, V1
is small (
≈0.5 V) to maintain low-level tracking, so
OA1 must still swing through several tenths of a
volt at each reversal of the input polarity. The
smaller the value of Rin, the higher the loop gain
demanded from OA1 for accurate rectification.
Therefore, for good high-frequency performance,
Rin should be 10 kΩ or larger. Otherwise, choose
Rin based on the desired input voltage at level
match, Ein0, and Iin0 as follows: Rin
E
I
in
in
=
0
0
The negative input of OA1 typically rests at +8 mV.
If dc coupled, this will cause an input current to
flow which will effectively set a low-level “floor” be-
low which readings will be obscured. Therefore, ac
coupling is required if low level signals are to be
accurately observed. Choose the value of the ac
coupling capacitor (Cin in Figure 4) based on the
value of Rin and the desired low-frequency limit.
Cin
R
F
in
C
=
1
2p
, where FC is the desired 3 dB-down
point. (For dc coupling, see the section on page 9,
DC Measurements.)
Symmetry Adjustment
As noted earlier, the rectifier relies on the match-
ing of Q1 and Q2 for precise reproduction of posi-
tive-half input currents. Q2’s base is brought out
to pin 4 to allow adjustment of this match. Pin 4
should be connected to a 20
Ω voltage source capa-
ble of supplying from –4 mV to +20 mV. The appli-
cation circuits in Figure 4 (page 4) and Figure 11
(page 6) are typical.
To set the symmetry, apply a low-frequency sine
wave to the input. Neither the frequency nor the
level are critical: 100 Hz at near level match is
usually a good choice. Observe the output wave-
form with a ‘scope while adjusting the symmetry
trim. With proper adjustment, the ripple in the
output will be almost pure second harmonic of the
input frequency. No fundamental frequency should
be present in the output. Another method would
be to sense ripple in the output via a narrow
bandpass filter centered at the fundamental feed-
ing an ac voltmeter: adjust the trim for minimum
voltage reading.
The actual voltage required for proper symmetry
depends on the input offset voltage of OA1 (typi-
cally +8 mV), and the VBE mismatch between Q1
and Q2 (<
±6 mV). For less critical applications
where precise rectification is not required, pin 4
may be connected to a voltage matching the input
offset voltage of OA1, preferably through a 20
Ω re-
sistor (to match the 20
Ω in Q1’s base). The sim-
plest circuit connects pin 4 to pin 1 through a
20
Ω resistor, as shown in Figure 9. This connec-
tion ensures that the VBE of Q1 will equal that of
Q2, but does not allow for adjustment for any mis-
match in the two devices. When using this configu-
ration,
one
should
try
to
keep
the
bias
programming current below 20
µA, to ensure sta-
ble operation.
Time Constants
Both the capacitor (CT) and current source (IT)
connected to pin 6 control the time constant over
which the rms value of the input current is evalu-
ated. Either may be varied, but a few practical con-
siderations influence the choice of values. First,
the input bias current of OA3 in Figure 3 will add
to the charging current IT. For small values of IT,
this will affect the accuracy of the resulting time
constant. The input bias current for OA3 is typi-
cally 100nA, so IT should be kept above 1 µA.
At the other extreme, IT flows from OA2 and
through Q6 under steady-state conditions. Dy-
namically, as was mentioned on page 4 in Com-
puting the Mean, the current which charges CT is
proportional to the square of the short-term in-
crease in Iin. A sudden 30 dB increase in input
causes a 60 dB increase in charging current. For
example, if IT is 10 µA, the peak charging current
will be 10 mA. However, if IT were 100
µA, the
peak charging current called for would be 100 mA.
The devices within the 2252 will not support this
high a current demand, so timing will be less accu-
rate under this condition. (The steady-state out-
put voltage will be accurate, since over time the
error will be “forgotten” due to the time-weighting
e t
-
t . However, the dynamic response will be incor-
rect.)
The best performance normally results when
5
µΑ < ΙΤ < 50 µΑ. CT is usually chosen to be a
convenient value which results in the desired time
constant
τ, and an IT within these limits. See Time
Constants (page 4) for the relationship between
τ,
IT and CT.
Since CT is commonly 1µf or larger, this capacitor
is often a polarized electrolytic or tantalum. V6 is
normally positive approximately 2Vbe (≈1.4 V),
which determines the polarity of CT. Leakage in CT
will add to IT, so low-leakage electrolytics or
tantalums are preferred. Tantalum, once preferred
for long-term stability and low leakage, has been
largely superceded by premium electrolytic types
which are available in low-leakage, high-stability
versions. When using an electrolytic, however, it is
good practice to select a voltage rating higher than
absolutely necessary (at least 15 V is recom-
mended).
When a resistor to the negative supply is used as
the IT current source (as in the circuits shown
here), determine its value by the equation:
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600032 Rev 02
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com