전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6522 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 VL6522
상세설명  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 19Page - STMicroelectronics VL6522 Datasheet HTML 20Page - STMicroelectronics VL6522 Datasheet HTML 21Page - STMicroelectronics VL6522 Datasheet HTML 22Page - STMicroelectronics VL6522 Datasheet HTML 23Page - STMicroelectronics VL6522 Datasheet HTML 24Page - STMicroelectronics VL6522 Datasheet HTML 25Page - STMicroelectronics VL6522 Datasheet HTML 26Page - STMicroelectronics VL6522 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
VL6522
Register description
23/35
0x8682
bImpliedGainThresholdLow_den
Default value
0x01
Purpose
Denominator for calculation of low threshold of automatic framerate
control.
Type
BYTE
Possible values
0 to 255
0x8683
bImpliedGainThresholdHigh_num
Default value
0x08
Purpose
Numerator for calculation of high threshold of automatic framerate control
Type
BYTE
Possible values
0 to 255
0x8684
bImpliedGainThresholdHigh_den
Default value
0x01
Purpose
Denominator for calculation of high threshold of automatic framerate
control
Type
BYTE
Possible values
0 to 255
0x8685
bUserMinimumFrameRate_Hz
Default value
0x05
Purpose
Sets the minimum framerate employed when in automatic framerate
mode.
Type
BYTE
Possible values
0 to 255
0x8686
bUserMaximumFrameRate_Hz
Default value
0x3c
Purpose
Sets the maximum framerate employed when in automatic framerate
mode.
Type
BYTE
Possible values
0 to 255
0x8687
bRelativeChange_num
Default value
0x02
Purpose
Numerator for calculation of relative change in framerate.
Type
BYTE
Possible values
0 to 255
Table 17.
Automatic frame rate control (continued)
Index
AutomaticFrameRateControl register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35