전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6522 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 VL6522
상세설명  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 20Page - STMicroelectronics VL6522 Datasheet HTML 21Page - STMicroelectronics VL6522 Datasheet HTML 22Page - STMicroelectronics VL6522 Datasheet HTML 23Page - STMicroelectronics VL6522 Datasheet HTML 24Page - STMicroelectronics VL6522 Datasheet HTML 25Page - STMicroelectronics VL6522 Datasheet HTML 26Page - STMicroelectronics VL6522 Datasheet HTML 27Page - STMicroelectronics VL6522 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Register description
VL6522
24/35
5.3.8
Video control processing unit descriptors
0x8688
bRelativeChange_den
Default value
0x02
Purpose
Denominator for calculation of relative change in framerate
Type
BYTE
Possible values
0 to 255
Table 18.
Video control processing unit descriptors
Index
VideoControlProcessingUnitDescriptors register(1)
0x8709
Brightness
Default value
0x0018
Purpose
Video class brightness control
Type
UINT_16
Possible values
0x0000 to 0x0025(1)
0x870b
Contrast
Default value
0x007c
Purpose
Video class contrast control
Type
UINT_16
Possible values
0x0000 to 0x00c8 (1)
0x870d
Saturation
Default value
0x0079
Purpose
Video class saturation control
Type
UINT_16
Possible values
0x0000 to 0x00c8(1)
0x870f
Sharpness
Default value
0x000f
Purpose
Video class sharpness control
Type
UINT_16
Possible values
0x0000 to 0x003f (1)
Table 17.
Automatic frame rate control (continued)
Index
AutomaticFrameRateControl register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35