전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESP8266EX 데이터시트(PDF) 13 Page - Seeed Technology Co.,Ltd.

부품명 ESP8266EX
상세설명  CPU, Memory, and Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
홈페이지  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

ESP8266EX 데이터시트(HTML) 13 Page - Seeed Technology Co.,Ltd.

Back Button ESP8266EX Datasheet HTML 9Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 10Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 11Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 12Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 13Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 14Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 15Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 16Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 17Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
$
3. Functional Description
3.2.2. External Clock Requirements
An externally generated clock is available with the frequency ranging from 24 MHz to 52
MHz. The following characteristics are expected to achieve good performance of radio.
3.3. Radio
ESP8266EX radio consists of the following blocks.
•
2.4 GHz receiver
•
2.4 GHz transmitter
•
High speed clock generators and crystal oscillator
•
Bias and regulators
•
Power management
3.3.1. Channel Frequencies
The RF transceiver supports the following channels according to IEEE802.11b/g/n
standards.
Table 3-2. External Clock Reference
Parameter
Symbol
Min
Max
Unit
Clock amplitude
VXO
0.8
1.5
Vpp
External clock accuracy
ΔFXO,EXT
–15
15
ppm
Phase noise @1-kHz offset, 40-MHz clock
-
-
–120
dBc/Hz
Phase noise @10-kHz offset, 40-MHz clock
-
-
–130
dBc/Hz
Phase noise @100-kHz offset, 40-MHz clock
-
-
–138
dBc/Hz
Table 3-3. Frequency Channel
Channel No.
Frequency (MHz)
Channel No.
Frequency (MHz)
1
2412
8
2447
2
2417
9
2452
3
2422
10
2457
4
2427
11
2462
5
2432
12
2467
6
2437
13
2472
7
2442
14
2484
Espressif
$ /$
8 24
2018.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com