전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESP8266EX 데이터시트(PDF) 2 Page - Seeed Technology Co.,Ltd.

부품명 ESP8266EX
상세설명  CPU, Memory, and Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
홈페이지  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

ESP8266EX 데이터시트(HTML) 2 Page - Seeed Technology Co.,Ltd.

  ESP8266EX Datasheet HTML 1Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 2Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 3Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 4Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 5Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 6Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 7Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 8Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
About This Guide
This document introduces the specifications of ESP8266EX.
Release Notes
Date
Version
Release Notes
2015.12
V4.6
Updated Chapter 3.
2016.02
V4.7
Updated Section 3.6 and Section 4.1.
2016.04
V4.8
Updated Chapter 1.
2016.08
V4.9
Updated Chapter 1.
2016.11
V5.0
Added Appendix Ⅱ “Learning Resources”.
2016.11
V5.1
Changed the power consumption during Deep-sleep from 10 μA to 20 μA
in Table 5-2.
2016.11
V5.2
Changed the crystal frequency range from “26 MHz to 52 MHz” to “24
MHz to 52 MHz” in Section 3.3.
2016.12
V5.3
Changed the minimum working voltage from 3.0V to 2.5V.
2017.04
V5.4
Changed chip input and output impedance from 50Ω to 39+j6 Ω.
2017.10
V5.5
Updated Chapter 3 regarding the range of clock amplitude to 0.8 ~ 1.5V.
2017.11
V5.6
Updated VDDPST from 1.8V ~ 3.3V to 1.8V ~ 3.6V.
2017.11
V5.7
•
Corrected a typo in the description of SDIO_DATA_0 in Table 2-1;
•
Added the testing conditions for the data in Table 5-2.
2018.02
V5.8
•
Updated Wi-Fi protocols in Section 1.1;
•
Updated description of the integrated Tensilica processor in 3.1.
2018.09
V5.9
•
Update document cover;
•
Added a note for Table 1-1;
•
Updated Wi-Fi key features in Section 1.1;
•
Updated description of the Wi-Fi function in 3.5;
•
Updated pin layout diagram;
•
Fixed a typo in Table 2-1;
•
Removed Section AHB and AHB module;
•
Restructured Section Power Management;
•
Fixed a typo in Section UART;
•
Removed description of transmission angle in Section IR Remote
Control;
•
Other optimization (wording).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com