| 전자부품 데이터시트 검색엔진 |
|
DFR1075 데이터시트(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR1075 데이터시트(HTML) 1 Page - DFROBOT |
|
1 / 34 page ![]() SKU:DFR1075 (https://www.dfrobot.com/product-2771.html) (https://www.dfrobot.com/product-2771.html) Introduction FireBeetle 2 ESP32-C6 is a low-power IoT main control board designed based on the ESP32-C6 chip. It is suitable for smart home projects. The ESP32-C6 supports communication protocols such as Wi-Fi 6, Bluetooth 5, Zigbee 3.0, and Thread 1.3, enabling connectivity to various IoT networks. FireBeetle 2 ESP32-C6 supports Type-C, 5V DC, and solar power, providing more options for power supply during deployment. Multiple protocol support for expanded wireless connectivity FireBeetle 2 ESP32-C6 supports Wi-Fi and Thread communication protocols, allowing seamless communication and collaboration between Matter Wi-Fi terminal devices and Matter Thread terminal devices in multi-system, multi-platform smart home setups. Additionally, FireBeetle 2 ESP32-C6 also supports BLE and Zigbee communication protocols, enabling it to serve as a Thread border router, Matter gateway, and Zigbee bridge when combined with other MCUs. Wi-Fi 6 support for ultra-low-power IoT devices ESP32-C6 is Espressif's first chip to support the Wi-Fi 6 (802.11ax) protocol. Wi-Fi 6 offers improved network capacity, enabling devices to work with higher efficiency and lower latency. Moreover, Wi-Fi 6's Target Wake Time (TWT) technology effectively reduces device power consumption, extends battery life, and enables long-lasting device operation. Introduction Features Specification Board Overview Pin Diagram Tutorial - First Time Use Basic Tutorial Advanced Tutorial Tutorial for MicroPython FAQ More Documents 2024/5/14 19:08 Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6 1/34 |
유사한 부품 번호 - DFR1075 |
|
유사한 설명 - DFR1075 |