전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DFR1075 데이터시트(PDF) 14 Page - DFROBOT

부품명 DFR1075
상세설명  Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DFROBOT [DFROBOT]
홈페이지  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1075 데이터시트(HTML) 14 Page - DFROBOT

Back Button DFR1075 Datasheet HTML 10Page - DFROBOT DFR1075 Datasheet HTML 11Page - DFROBOT DFR1075 Datasheet HTML 12Page - DFROBOT DFR1075 Datasheet HTML 13Page - DFROBOT DFR1075 Datasheet HTML 14Page - DFROBOT DFR1075 Datasheet HTML 15Page - DFROBOT DFR1075 Datasheet HTML 16Page - DFROBOT DFR1075 Datasheet HTML 17Page - DFROBOT DFR1075 Datasheet HTML 18Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
GDI Display Interface
This interface is a DFRbot dedicated GDI display interface for connecting a screen using a 18pin-FPC wire.
The pin list for using GDI camera interface is shown below:
FPC PINS
FireBeetle 2 ESP32-C6 Pins
Description
VCC
3V3
3.3V
LCD_BL
15/D13
Backlight
GND
GND
GND
SCLK
23/SCK
SPI clock
MOSI
22/MOSI
Host output, slave input
MISO
21/MISO
Host input, slave output
LCD_DC
8/D2
Data/command
LCD_RST
14/D3
Reset
LCD_CS
1/D6
TFT Chip Select
SD_CS
18/D7
SD card chip select
FCS
NC
Font library chip select
TCS
6/D12
Touch chip select
SCL
20/SCL
I2C clock
SDA
19/SDA
I2C data
Introduction
Features
Specification
Board Overview
Pin Diagram
Tutorial - First Time Use
Basic Tutorial
Advanced Tutorial
Tutorial for MicroPython
FAQ
More Documents
2024/5/14 19:08
Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6
14/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com