전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CN-14A-R-C3 데이터시트(PDF) 9 Page - Panasonic Semiconductor

부품명 CN-14A-R-C3
상세설명  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C3 데이터시트(HTML) 9 Page - Panasonic Semiconductor

Back Button CN-14A-R-C3 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
743 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
OPTIONS
Connector attached cable
• CN-14A-C□
• CN-14A-R-C□
Panel mounting bracket, Front protection cover
• MS-DP1-2
• MS-DP1-3
Flat attachment
• MS-DP1-FM
• MS-DP1-FR
• MS-DP1-FN
• MS-DP1-FE
• MS-DP1-4
Recommended connector
Contact: SPHD-001T-P0.5, Housing: PAP-04V-S
(Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.
Recommended crimping tool
Model No.: YC-610R
(Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.
M8 connector attached cable
• CN-24A-C□
• MS-DP1-5
ø9
ø0.354
(Unit: mm in)
31.4
1.236
ø4
ø0.157
Note: The connector attached cable
CN-14A-C2 is supplied with the DP-100 series.
(Excluding M8 plug-in connector type).
Sensor mounting bracket
• MS-DP1-1
Conversion bushing
• MS-DP1-7
Sensor mounting
bracket
MS-DP1-1
M3 (length 6 mm 0.236 in)
screws with washers
Accessory for
MS-DP1-1
(
)
Front protection cover
MS-DP1-3
Panel mounting bracket
MS-DP1-2
DP-100
Panel mounting bracket
MS-DP1-4
DP2-20
ñ101.3
kPa
OUT2
OUT1
MODE
0-ADJ
DP2 / DP3
Insert
Remove
Remove
Mounting holes
for
DP2 / DP3 series
can be used as is.
Front protection cover
DPX-04 (optional)
can be installed on
MS-DP1-4.
Sensor mounting
bracket
MS-DP1-5
M3 (length 6 mm 0.236 in)
screws with washers
Accessory for
MS-DP1-5
(
)
MS-DP1-FM 15g approx.
MS-DP1-FR/FN/FE 25g approx.
Net weight:
Two M3 (length 8 mm 0.315 in) screws,
two M4 (length 20 mm 0.787 in) screws are attached.
Conversion bushing
MS-DP1-7
M5 female
thread
Rc1/8 female
thread
Connector
attached cable
Connector
attached cable
(Flexible cable)
M8 connector
attached cable
Connector
Panel mounting
bracket
Front protection
cover
Conversion
bushing
Flat
attachment
Sensor
mounting
bracket
Length: 1 m 3.281 ft
Length: 2 m 6.562 ft
Length: 3 m 9.843 ft
Length: 5 m 16.404 ft
Length: 1 m 3.281 ft
Length: 2 m 6.562 ft
Length: 3 m 9.843 ft
Length: 5 m 16.404 ft
Length: 2 m 6.562 ft
Length: 5 m 16.404 ft
Set of 10 housings and 40 contacts
Model No.
Designation
Description
CN-14A-C1
CN-14A-C2 (Note)
CN-14A-C3
CN-14A-C5
CN-14A-R-C1
CN-14A-R-C2
CN-14A-R-C3
CN-14A-R-C5
CN-24A-C2
CN-24A-C5
CN-14A
MS-DP1-1
MS-DP1-5
MS-DP1-2
MS-DP1-4
MS-DP1-3
MS-DP1-7
MS-DP1-FM
MS-DP1-FR
MS-DP1-FN
MS-DP1-FE
0.2 mm2 4-core cabtyre cable with
connector on one end
Cable outer diameter: ø3.7 mm ø0.146 in
0.2 mm2 4-core flexible cabtyre cable
with connector on one end
Cable outer diameter: ø3.7 mm ø0.146 in
For M8 plug-in connector type
The connector on one end
Cable outer diameter: ø4 mm ø0.157 in
Allows sensors to be installed on the flooring or ceiling.
Multiple sensors can also be mounted closely.
Allows sensors to be installed on the wall. Multiple sensors
can also be mounted closely.
Allows installation to panels with thickness of 1 to 6 mm 0.039
to 0.236 in. Multiple sensors can also be mounted closely.
Allows replacement from
DP2 / DP3 series to DP-100 series. For newly designed
set-up, please use panel mounting bracket
MS-DP1-2 for panel mounting.
Protects the adjustment surfaces of sensors.
(Can be attached when using the panel mounting bracket)
Pressure port and cable can now be
pulled out in downward, left or right
directions. Flat mounting on surfaces
such as the wall is made possible.
By equipping with
DP-10□-M(-P), pressure port can be converted to
Rc1/8 female thread. Replacement from
DP2 / DP3 series is possible.
M5 female thread
Rc1/8 female thread
NPT1/8 female thread
G1/8 female thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com