전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CN-14A-R-C3 데이터시트(PDF) 14 Page - Panasonic Semiconductor

부품명 CN-14A-R-C3
상세설명  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C3 데이터시트(HTML) 14 Page - Panasonic Semiconductor

Back Button CN-14A-R-C3 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 15Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
748
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRO mode
Setting item
Description
Reset setting
ECO mode setting
Linked display color
switching
(standard type only)
Display refresh rate
switching
Hysteresis fix value
switching
Setting check code
Setting copy mode
If the mode selection key is pressed and held for 5
seconds in RUN mode, the mode will switch to PRO
mode.
If the mode selection key is pressed while a setting is
being made, the mode will switch to RUN mode. In this
case, the settings that have been changed will be entered.
•
•
Sub display switching
Changes the information in the sub display
during RUN mode operation to the desired
alphanumeric display.
Changes the display refresh rate for the
pressure value displayed in the main display.
Sets the hysteresis for EASY mode and window
comparator mode. (8 steps)
Allows the display color for the main display to
be switched in line with the output operation for
comparative output 1 or comparative output 2.
Allows power consumption to be reduced by
dimming the display or turning it off.
Allows the setting details to be checked via
codes.
Allows the setting details for the master sensor
to be copied to slave sensors.
Resets the settings to the factory settings.
Table of codes
—
—
—
—
—
—
—
—
—
—
—
—
—
ADJ.
NO
OFF
OFF
P-1, Lo-1
NC
NO
Hi-1
NO
NC
P-2, Lo-2
NC
NO
Hi-2
NO
NC
NC
NC
NO
EASY
EASY
Analogvoltageoutput /
Externalinput
NO / NC
switching
Comparativeoutput2
outputmode
Comparativeoutput1
outputmode
NO / NC
switching
Display color for
main display
Threshold
value display
Display
color linking
2.5 ms
MPa
250 ms
OFF
5 ms
kPa
500 ms
STD
10 ms
kgf/cm2
1,000 ms
FULL
25 ms
bar
50 ms
psi
100 ms
mmHg
250 ms
inchHg
500 ms
1,000 ms
5,000 ms
1st digit
2nd digit
3rd digit
4th digit
Standard
type only
Multi-function
type
Standard type
Hysteresis
Hysteresis
Red
when ON
Comparative
output 1
Comparative
output 2
Comparative
output 1
Comparative
output 2
Comparative
output 1
Comparative
output 2
Comparative
output 1
Comparative
output 2
Green
when ON
Always
red
Always
green
Analog voltage
output
Auto-
reference
Remote
zero-adjustment
Analog current
output
Window
comparator
Window
comparator
5th digit
6th digit
7th digit
8th digit
Response time
Unit switching Display refresh rate
ECO mode
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
30
1.181
30
1.181
1.5
0.059
9.5
0.374
42.5
1.673 7.5
0.295
R (PT) 1/8
male thread
(North America: NPT 1/8)
25.5
1.004
20
0.787
20
0.787
M3 female thread, 4 0.157 deep
M5 female thread
12
0.472
Connector
G 1/8
male thread
10
0.394
7
0.276
Europe
14
0.551
30
1.181
ø8.3
ø0.327
1.5
0.059
4.5
0.177
30
1.181
25.5
1.004
30
1.181
20
0.787
20
0.787
M3 female thread,
4 0.157 deep
connector
M5 female thread,
4 0.157 deep
30
1.181
30
1.181
47.5
1.870
7
0.276
25.5
1.004
15
0.591
7 0.276
1.5
0.059
G 1/8 male thread
9.5
0.374
4.5 0.177
M3 female thread,
4 0.157 deep
M5 female thread
M8 connector
20
0.787
20
0.787
14
0.551
PRECAUTIONS FOR PROPER USE
Refer to p.1472 for general precautions.
DP-11□-E-P-J
Sensor
DP-10□-M(P)
Sensor
DP-10□
Sensor
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from the website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com