전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TR115D-F 데이터시트(PDF) 5 Page - Panasonic Semiconductor

부품명 TR115D-F
상세설명  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TR115D-F 데이터시트(HTML) 5 Page - Panasonic Semiconductor

  TR115D-F Datasheet HTML 1Page - Panasonic Semiconductor TR115D-F Datasheet HTML 2Page - Panasonic Semiconductor TR115D-F Datasheet HTML 3Page - Panasonic Semiconductor TR115D-F Datasheet HTML 4Page - Panasonic Semiconductor TR115D-F Datasheet HTML 5Page - Panasonic Semiconductor TR115D-F Datasheet HTML 6Page - Panasonic Semiconductor TR115D-F Datasheet HTML 7Page - Panasonic Semiconductor TR115D-F Datasheet HTML 8Page - Panasonic Semiconductor TR115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
T10
2
ds_62001_0106_en_t10: 010314J
SPECIFICATIONS
1. Contact rating
Kind of load
AC
DC
Resistive load
10A 250V AC
15A 125V AC
8A 30V DC
0.8A 125V DC
0.4A 250V DC
Inductive load
10A 250V AC (Power factor: 0.6)
15A 125V AC (Power factor: 0.6)
5A 30V DC (Time constant: 7 m/s)
0.4A 125V DC (Time constant: 7 m/s)
0.2A 250V DC (Time constant: 7 m/s)
Lamp load (incandescent)
300W 100V AC
500W 200V AC
Inrush current: Max. 30 A
—
Motor load (single phase)
200W 125V AC
300W 250V AC
—
2. Characteristics
Mechanical expected life
Min. 105
Electrical expected life
Min. 3
104 (10 cpm) at rated load
Overload life
Min. 50 (5 cpm) (Rated load
1.5)
Insulation resistance
Min. 100 M
 (at 500 V DC measured by insulation resistive meter)
Dielectric strength
1500 Vrms (at detection current: 10mA)
Vibration resistance
10 to 55 Hz at double amplitude of 1.5 mm (contact opening: Max. 1 ms)
Contact resistance
Initial, Max. 20 m
 (by voltage drop at 1 A, 2 to 4 V DC)
Actuator strength (static load)
112.7N for 1 min.
Terminal strength (static load)
24.5N for 1 min.
Ambient temperature
–25
C to +70C (not freezing below 0C)
Contact material
AgZnO alloy
ELECTRICAL CIRCUIT DIAGRAM
1-pole
2 pole
Terminal arrangement
(as seen from terminal side)
Keyway
Keyway
Actuator position
and contact
terminal number
ON-OFF
Keyway
1-3
1-3, 4-6
—
—
—
Keyway
—
—
ON-ON
Keyway
2-3
2-3, 5-6
—
—
—
Keyway
1-2
1-2, 4-5
Remark
ON-OFF type does not have a terminal No. 2.
ON-OFF type does not have terminal No. 2 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com