전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TR115D-F 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 TR115D-F
상세설명  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TR115D-F 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  TR115D-F Datasheet HTML 1Page - Panasonic Semiconductor TR115D-F Datasheet HTML 2Page - Panasonic Semiconductor TR115D-F Datasheet HTML 3Page - Panasonic Semiconductor TR115D-F Datasheet HTML 4Page - Panasonic Semiconductor TR115D-F Datasheet HTML 5Page - Panasonic Semiconductor TR115D-F Datasheet HTML 6Page - Panasonic Semiconductor TR115D-F Datasheet HTML 7Page - Panasonic Semiconductor TR115D-F Datasheet HTML 8Page - Panasonic Semiconductor TR115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
T06/T03
1
ds_62001_0106_en_t3_t6: 010314J
DATA (life curve)
Tested sample: T-06 series
Tested condition: 125 V AC, 250 V AC, Power factor: 0.6 and 10 cpm
PRODUCT TYPES
1) T-06 series
Remark: The product comes with standard installation accessories. However, keying washer is sold separately.
2) T-03 series
Remark: The product comes with standard installation accessories. However, keying washer is sold separately.
TOGGLE SWITCH
T-06/T-03 SERIES
SWITCHES
Number of poles
Kind of operation
Solder terminal
Product no.
1-pole
ON-OFF
T106A-F
ON-ON
T106D-F
2-pole
ON-OFF
T206K-F
ON-ON
T206N-F
Number of poles
Kind of operation
Solder terminal
Product no.
1-pole
ON-OFF
T103A-F
ON-ON
T103D-F
2-pole
ON-OFF
T203K-F
ON-ON
T203N-F
FEATURES
Depth of 18.6 mm saves space.
This space-saving switch has body
dimensions of 25 (W) x 14.8 (D) x 18.6
(H). (63% that of our previous T-15 series
switch.)
PRECAUTIONS WHEN
USING CADMIUM-FREE
CONTACT TYPE
Models with cadmium-free contacts have
been introduced in order to reduce
environmentally harmful substances. (“F”
is affixed to the end of the part number.)
We ask customers who are currently
using products with cadmium-containing
contacts (no “F” at the end of the part
number) to please make the switch to
models with cadmium-free contacts.
When switching, operating life may differ
depending on the load. Please be sure to
verify this by conducting an evaluation
using actual equipment.
12 dia.
Inductive load 125 V AC
Inductive load
250 V AC
Current (A)
12
3
4
5
5
4
3
2
1
0
6


유사한 부품 번호 - TR115D-F

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
TR115D-F PANASONIC-TR115D-F Datasheet
872Kb / 19P
Snap Switches Capable of 15 A Switching
TR115D-F PANASONIC-TR115D-F Datasheet
690Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
TR115D-F PANASONIC-TR115D-F Datasheet
802Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
2013.09
More results

유사한 설명 - TR115D-F

제조업체부품명데이터시트상세설명
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com