전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20C4 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 ST20C4
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 78Page - STMicroelectronics ST20C4 Datasheet HTML 79Page - STMicroelectronics ST20C4 Datasheet HTML 80Page - STMicroelectronics ST20C4 Datasheet HTML 81Page - STMicroelectronics ST20C4 Datasheet HTML 82Page - STMicroelectronics ST20C4 Datasheet HTML 83Page - STMicroelectronics ST20C4 Datasheet HTML 84Page - STMicroelectronics ST20C4 Datasheet HTML 85Page - STMicroelectronics ST20C4 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
fmul
®
82/212
fmul
fractional multiply
Code: 27 F2
Description: Multiply Areg by Breg treating the values as fractions, rounding the
result. The values in Areg and Breg are interpreted as fractions in the range greater
than or equal to -1 and less than 1 - i.e. the integer values divided by 2BitsPerWord-1.
The result is rounded. The rounding mode used is analogous to IEEE round nearest;
that is the result produced is the fraction which is nearest to the exact product, and, in
the event of the product being equidistant between two factions, the fraction with least
significant bit 0 is produced.
Definition:
if (Areg
= MostNeg) and (Breg = MostNeg)
– MostNeg interpreted as -1
{
Areg
′← undefined
IntegerOverflow
}
else
Areg
′← (Breg × Areg) /
roundnearest 2
BitsPerWord-1
Breg
′← Creg
Creg
← undefined
Error signals:
IntegerOverflow can occur.
Comments:
Secondar y instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More