| 전자부품 데이터시트 검색엔진 |
|
ST5088FN 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5088FN 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 33 page ![]() Table 10: Control Register CR8 Functions 7 6 54 32 10 Function f17 f16 f15 f14 f13 f12 f11 f10 msb lsb Binary equivalent of the decimal number used to calculate f1 Table 11: Control Register CR9 Functions 7 6 54 32 10 Function f27 f26 f25 f24 f23 f22 f21 f20 msb lsb Binary equivalent of the decimal number used to calculate f2 Table 12: Control Register CR10 Functions 7 6 54 32 10 Function GLS ACE VT1 VT0 FD1 FD0 DFT HFT 1 0 +27 dB into LH Path (*) +9dB into LH Path 1 0 Anticlipping ON (*) Anticlipping OFF 0 0 1 1 0 1 0 1 (*) -15dm0 Anticlipping Threshold -13dm0 Anticlipping Threshold -9dm0 Anticlipping Threshold -7dm0 Anticlipping Threshold 0 0 1 1 0 1 0 1 (*) 256ms Gain Recovery Time Constant / (4Hz) 128ms Gain recovery Time Constant / (8Hz) 32ms Gain Recovery Time Constant / (31Hz) 16ms Gain Recovery Time Constant / (62Hz) 0 0 1 1 0 1 0 1 (*) Standard Frequency Tone Range Halved Frequency Tone Range Doubled Frequency Tone Range Forbidden (*) Default values inserted into the Register at Power On. ST5088 17/33 |