| 전자부품 데이터시트 검색엔진 |
|
ST5092TQFPTR 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5092TQFPTR 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 29 page ![]() TRANSMISSION CHARACTERISTICS (continued) AMPLITUDE RESPONSE (Maximum, Nominal, and Minimum Levels) Receive path - Absolute levels at VFR (Differentially measured) Parameter Test Condition Min. Typ. Max. Unit 0 dBM0 level Receive Amp programmed for 0dB gain 1.965 VRMS 0 dBM0 level Receive Amp programmed for - 30dB attenuation 61.85 mVRMS AMPLITUDE RESPONSE (Maximum, Nominal, and Minimum Levels) Receive path - Absolute levels at VLr (Differentially measured) Parameter Test Condition Min. Typ. Max. Unit 0 dBM0 level Receive Amp programmed for 0dB gain 1.965 VRMS 0 dBM0 level Receive Amp programmed for - 30dB gain 61.85 mVRMS AMPLITUDE RESPONSE Transmit path Symbol Parameter Test Condition Min. Typ. Max. Unit GXA Transmit Gain Absolute Accuracy Transmit Gain Programmed for minimum. Measure deviation of Digital PCM Code from ideal 0dBm0 PCM code at DX -0.5 0.5 dB GXAG Transmit Gain Variation with programmed gain Measure Transmit Gain over the range from Maximum to minimum setting. Calculate the deviation from the programmed gain relative to GXA, i.e. GAXG =G actual -G prog. -GXA -0.5 0.5 dB GXAT Transmit Gain Variation with temperature Measured relative to GXA. min. gain < GX < Max. gain -0.1 0.1 dB GXAV Transmit Gain Variation with supply Measured relative to GXA GX = Minimum gain -0.1 0.1 dB GXAF Transmit Gain Variation with frequency Relative to 1015,625 Hz, multitone test technique used. min. gain < GX < Max. gain f = 60 Hz f = 100 Hz f = 200 Hz f = 300 Hz f = 400 Hz to 3000 Hz f = 3400 Hz f = 4000 Hz f = 4600 Hz (*) f = 8000 Hz (*) -1.5 -0.5 -1.5 -30 -20 -6 0.5 0.5 0.0 -14 -35 -47 dB dB dB dB dB dB dB dB dB GXAL Transmit Gain Variation with signal level Sinusoidal Test method. Reference Level = -10 dBm0 VMIC = -40 dBm0 to +3 dBm0 VMIC = -50 dBm0 to -40 dBm0 VMIC = -55 dBm0 to -50 dBm0 -0.5 -0.5 -1.2 0.5 0.5 1.2 dB dB dB (*) The limit at frequencies between 4600Hz and 8000Hz lies on a straight line connecting the two frequencies on a linear (dB) scale versus log (Hz) scale. ST5092 22/29 |