| 전자부품 데이터시트 검색엔진 |
|
ST5092TQFPTR 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5092TQFPTR 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 29 page ![]() AMPLITUDE RESPONSE Receive path Symbol Parameter Test Condition Min. Typ. Max. Unit GRAE Receive Gain Absolute Accuracy Receive gain programmed for maximum Apply -6 dBm0 PCM code to DR Measure VFr+ -0.5 0.5 dB GRAL Receive Gain Absolute Accuracy Receive gain programmed for maximum Apply -6 dBm0 PCM code to DR Measure VLr+ -0.5 0.5 dB GRAGE Receive Gain Variation with programmed gain Measure VFr Gain over the range from Maximum to minimum setting. Calculate the deviation from the programmed gain relative to GRAE, i.e. GRAGE =G actual -G prog. -GRAE -0.5 0.5 dB GRAGL Receive Gain Variation with programmed gain Measure VLr Gain over the range from Maximum to minimum setting. Calculate the deviation from the programmed gain relative to GRAL, i.e. GRAGL =G actual -G prog. -GRAL -0.5 0.5 dB GRAT Receive Gain Variation with temperature Measured relative to GRA. (VLr and VFr) min. gain < GR < Max. gain -0.1 0.1 dB GRAV Receive Gain Variation with Supply Measured relative to GRA. (VLr and VFr) GR = Maximum Gain -0.1 0.1 dB GRAF Receive Gain Variation with frequency (VLr and VFr) HPB = 0 Relative to 1015,625 Hz, multitone test technique used. min. gain < GR < Max. gain f = 60Hz f = 100Hz f = 200 Hz f = 300 Hz f = 400 Hz to 3000 Hz f = 3400 Hz f = 4000 Hz -1.5 -0.5 -1.5 -20 -12 -2 0.5 0.5 0.0 -14 dB dB dB dB dB dB dB Receive Gain Variation with frequency (VLr and VFr) HPB = 1 Relative to 1015,625 Hz, multitone test technique used. min. gain < GR < Max. gain f = 50Hz f = 100 Hz to 3000 Hz f = 3400 Hz f = 4000 Hz -1.5 -0.5 -1.5 0.5 0.5 0.0 -14 dB dB dB dB GRAL E Receive Gain Variation with signal level (VFr) Sinusoidal Test Method Reference Level = –10 dBm0 DR = -40 dBm0 to -3 dBm0 DR = -50 dBm0 to -40 dBm0 DR = -55 dBm0 to -50 dBm0 -0.5 -0.5 -1.2 0.5 0.5 1.2 dB dB dB GRAL L Receive Gain Variation with signal level (VLr) Sinusoidal Test Method Reference Level = –10 dBm0 DR = -40 dBm0 to -3 dBm0 DR = -50 dBm0 to -40 dBm0 DR = -55 dBm0 to -50 dBm0 -0.5 -0,5 -1.2 0.5 0.5 1.2 dB dB dB ST5092 23/29 |