| 전자부품 데이터시트 검색엔진 |
|
ST72411R 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72411R 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 71 page ![]() ST72411R 67/71 9.3 DEVELOPMENT TOOLS STmicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site: ª http//mcu.st.com. Third Party Tools s ACTUM s BP s COSMIC s CMX s DATA I/O s HITEX s HIWARE s ISYSTEM s KANDA s LEAP Tools from these manufacturers include C compli- ers, emulators and gang programmers. STMicroelectronics Tools Three types of development tool are offered by ST, all of them connect to a PC via a parallel (LPT) port: see Table 15 and Table 16 for more details. Table 15. STMicroelectronic Tool Features Table 16. Dedicated STMicroelectronics Development Tools Note: 1. In-Situ Programming (ISP) interface for FLASH devices. In-Circuit Emulation Programming Capabili ty1) Software Included ST7 Development Kit Yes. (Same features as HDS2 emulator but without logic analyzer) Yes (DIP packages only) ST7 CD ROM with: – ST7 Assembly toolchain – STVD7 and WGDB7 powerful Source Level Debugger for Win 3.1, Win 95 and NT – C compiler demo versions – ST Realizer for Win 3.1 and Win 95. – Windows Programming Tools for Win 3.1, Win 95 and NT ST7 HDS2 Emulator Yes, powerful emulation features including trace/ logic analyzer No ST7 Programming Board No Yes (All packages) Suppo rted Products ST7 HDS2 Emulator ST7 Programming Board ST72411, ST72C411 ST7MDT7-EMU2B ST7MDT7-EPB2/EU ST7MDT7-EPB2/US ST7MDT7-EPB2/UK |