전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STA2510 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 2STA2510
상세설명  High power PNP epitaxial planar bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STA2510 데이터시트(HTML) 4 Page - STMicroelectronics

  2STA2510 Datasheet HTML 1Page - STMicroelectronics 2STA2510 Datasheet HTML 2Page - STMicroelectronics 2STA2510 Datasheet HTML 3Page - STMicroelectronics 2STA2510 Datasheet HTML 4Page - STMicroelectronics 2STA2510 Datasheet HTML 5Page - STMicroelectronics 2STA2510 Datasheet HTML 6Page - STMicroelectronics 2STA2510 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
2STA2510
4/7
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7