전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD17NF03L 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STD17NF03L
상세설명  N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03L 데이터시트(HTML) 1 Page - STMicroelectronics

  STD17NF03L Datasheet HTML 1Page - STMicroelectronics STD17NF03L Datasheet HTML 2Page - STMicroelectronics STD17NF03L Datasheet HTML 3Page - STMicroelectronics STD17NF03L Datasheet HTML 4Page - STMicroelectronics STD17NF03L Datasheet HTML 5Page - STMicroelectronics STD17NF03L Datasheet HTML 6Page - STMicroelectronics STD17NF03L Datasheet HTML 7Page - STMicroelectronics STD17NF03L Datasheet HTML 8Page - STMicroelectronics STD17NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Aug 2000
STD17NF03L
N-CHANNEL 30V - 0.038
Ω - 17A - DPAK/IPAK
STripFET™ POWER MOSFET
(1) ISD ≤17A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj=25°C, ID=11A, VDD=15V
s
TYPICAL RDS(on) = 0.038Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
APPLICATION ORIENTED CHARACTERIZATION
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
s
ADD SUFFIX “-1” FOR ORDERING IN IPAK
VERSION
DESCRIPTION
This Power Mosfet is the latest development of STMi-
croelectronics unique “Single Feature Size
™” strip-
based process. The resulting transistor shows ex-
tremely high packing density for low on-resistance,
rugged avalance characteristics and less critical align-
ment steps therefore a remarkable manufacturing re-
producibility.
APPLICATIONS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
SOLENOID AND RELAY DRIVERS
s
AUTOMOTIVE ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD17NF03L
30V
<0.05
Ω
17A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuos) at TC = 25°C
17
A
ID
Drain Current (continuos) at TC = 100°C
12
A
IDM (q)
Drain Current (pulsed)
68
A
PTOT
Total Dissipation at TC = 25°C
20
W
Derating Factor
0.13
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
IPAK
DPAK
3
2
1
1
3
INTERNAL SCHEMATIC DIAGRAM


유사한 부품 번호 - STD17NF03L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
logo
SHENZHEN DOINGTER SEMIC...
STD17NF03L DOINGTER-STD17NF03L Datasheet
988Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD17NF03L VBSEMI-STD17NF03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
More results

유사한 설명 - STD17NF03L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
27-Jul-2007
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com