전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C167CS-4RM 데이터시트(PDF) 81 Page - Infineon Technologies AG

부품명 C167CS-4RM
상세설명  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM 데이터시트(HTML) 81 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 77Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 78Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 79Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 80Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 81Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 82Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 83Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 84Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-31
V2.0, 2000-07
The Multiply/Divide Low Register MDL
This register is a part of the 32-bit multiply/divide register, which is implicitly used by the
CPU, when it performs a multiplication or a division. After a multiplication, this non-bit
addressable register represents the low order 16 bits of the 32-bit result. For long
divisions, the MDL register must be loaded with the low order 16 bits of the 32-bit
dividend before the division is started. After any division, register MDL represents the
16-bit quotient.
Whenever this register is updated via software, the Multiply/Divide Register In Use
(MDRIU) flag in the Multiply/Divide Control register (MDC) is set to ‘1’. The MDRIU flag
is cleared, whenever the MDL register is read via software.
When a multiplication or division is interrupted before its completion and when a new
multiply or divide operation is to be performed within the interrupt service routine,
register MDL must be saved along with registers MDH and MDC to avoid erroneous
results.
A detailed description of how to use the MDL register for programming multiply and
divide algorithms can be found in Chapter 22.
MDL
Multiply/Divide Low Reg.
SFR (FE0EH/07H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
mdl
rwh
Bit
Function
mdl
Specifies the low order 16 bits of the 32-bit multiply and divide reg. MD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More