전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGY50NB60HD 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGY50NB60HD
상세설명  N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGY50NB60HD 데이터시트(HTML) 3 Page - STMicroelectronics

  STGY50NB60HD Datasheet HTML 1Page - STMicroelectronics STGY50NB60HD Datasheet HTML 2Page - STMicroelectronics STGY50NB60HD Datasheet HTML 3Page - STMicroelectronics STGY50NB60HD Datasheet HTML 4Page - STMicroelectronics STGY50NB60HD Datasheet HTML 5Page - STMicroelectronics STGY50NB60HD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
tr(voff)
td (off)
tf
Eoff(**)
Ets(r)
Cross-O ver Time
Off Volt age Rise Time
Delay Time
Fall T ime
Turn-off Swit ching Loss
Tot al Switching Loss
VCC =480 V
IC =50 A
RGE =10
Ω
VGE =15 V
166
48
326
90
2.1
3
ns
ns
ns
ns
mJ
mJ
tc
tr(voff)
td (off)
tf
Eoff(**)
Ets(r)
Cross-O ver Time
Off Volt age Rise Time
Delay Time
Fall T ime
Turn-off Swit ching Loss
Tot al Switching Loss
VCC =480 V
IC =50 A
RGE =10
Ω
VGE =15 V
Tj = 125
oC
270
75
340
200
2.9
3.85
ns
ns
ns
ns
mJ
mJ
COLLECTOR-EMITTER DIODE
Symbol
Parameter
T est Conditions
Min.
T yp.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
50
400
A
A
Vf
Forward On-Voltage
If =50 A
If =50 A
T j =125
oC2
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If =50 A
VR= 200 V
dI/dt = 100 A/
µSTj = 125 oC
200
nS
nC
A
(
•) Pulse width limited by max. junction temperature
(r) Include recovery losses on the STTA2006 freewheeling diode
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(**)Losses Include Also The Tail (Jedec Standardization)
STGY50NB60HD
3/6



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com