전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT30CKFILM 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 BAT30CKFILM
상세설명  Small signal Schotky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30CKFILM 데이터시트(HTML) 2 Page - STMicroelectronics

  BAT30CKFILM Datasheet HTML 1Page - STMicroelectronics BAT30CKFILM Datasheet HTML 2Page - STMicroelectronics BAT30CKFILM Datasheet HTML 3Page - STMicroelectronics BAT30CKFILM Datasheet HTML 4Page - STMicroelectronics BAT30CKFILM Datasheet HTML 5Page - STMicroelectronics BAT30CKFILM Datasheet HTML 6Page - STMicroelectronics BAT30CKFILM Datasheet HTML 7Page - STMicroelectronics BAT30CKFILM Datasheet HTML 8Page - STMicroelectronics BAT30CKFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
BAT30 Series
2/12
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF
Continuous forward current
300
mA
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
1
A
Tstg
Storage temperature range
-65 to +150
° C
Tj
Maximum operating junction temperature(1)
150
° C
TL
Maximum soldering temperature
260
° C
1.
Pulse test: tp = 5 ms, δ < 2 %
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
SOT-23
500
° C/W
SOT-323, SOD-323,
550
SOD-523, SOT-666
600
1.
On epoxy printed circuit board with recommended pad layout
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = 5 V
0.5
µA
VR = 10 V
1
VR = 25 V
0.65
3
VR = 30 V
5
Tj = 70° C
VR = 10 V
720
Tj = 85° C
18
50
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 0.1 mA
240
mV
IF = 1 mA
300
IF = 10 mA
375
IF = 30 mA
430
IF = 100 mA
500
IF = 200 mA
580
IF = 300 mA
530
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12