| 전자부품 데이터시트 검색엔진 |
|
BAT30CKFILM 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT30CKFILM 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() BAT30 Series Characteristics 3/12 Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit C Diode capacitance VR = 0 V, F = 1 MHz 22 pF VR = 1 V, F = 1 MHz 14 VR = 10 V, F = 1 MHz 6 Figure 1. Power dissipation versus average forward current Figure 2. Average forward current versus ambient temperature ( δ = 1) 0.000 0.025 0.050 0.075 0.100 0.125 0.150 0.175 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 δ=0.05 δ=0.2 δ=0.1 δ=0.5 δ=1 T δ=tp/T tp I(A) F(AV) P (W) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0 25 50 75 100 125 150 T δ=tp/T tp I(A) F(AV) T (° C) amb Figure 3. Relative variation of thermal impedance junction to ambient versus pulse duration (SOT-23) Figure 4. Relative variation of thermal impedance junction to ambient versus pulse duration (SOT-323 / SOD-323) 1.E-02 1.E-01 1.E+00 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 Alumine substrate 10 x 8 x 0.5 mm Single pulse SOT-23 Z th(j-a)/Rth(j-a) tP(s) 1.E-03 1.E-02 1.E-01 1.E+00 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 Single pulse SOT-323/SOD-323 Epoxy FR4 S CU=2.25 mm² e CU=35 µm (s) tP Z th(j-a)/Rth(j-a) |