| 전자부품 데이터시트 검색엔진 |
|
STP16CP596 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CP596 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() 4 Maximum rating STP16CP596 12/26 4.2 Recommended operating conditions Table 6. Recommended operating conditions Symbol Parameter Test conditions Min. Typ. Max. Unit VDD Supply Voltage 3.0 5.5 V VO Output Voltage 16.0 V IO Output Current OUTn 3 50 mA IOH Output Current Serial OUT +1 mA IOL Output Current Serial OUT -1 mA VIH Input Voltage 0.7VDD VDD+0.3 V VIL Input Voltage -0.3 0.3VDD V twLAT LE Pulse Width VDD = 3.3V 20 ns twCLK CLK Pulse Width 20 ns twEN OE Pulse Width 400 ns tSETUP(D) Setup Time for DATA 20 ns tHOLD(D) Hold Time for DATA 15 ns tREM(L) Removal Time for LATCH 15 ns fCLK Clock Frequency Cascade Operation(1) 1. If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please considered the timings carefully. 25 MHz |