전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CP596 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STP16CP596
상세설명  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STP16CP596 Datasheet HTML 16Page - STMicroelectronics STP16CP596 Datasheet HTML 17Page - STMicroelectronics STP16CP596 Datasheet HTML 18Page - STMicroelectronics STP16CP596 Datasheet HTML 19Page - STMicroelectronics STP16CP596 Datasheet HTML 20Page - STMicroelectronics STP16CP596 Datasheet HTML 21Page - STMicroelectronics STP16CP596 Datasheet HTML 22Page - STMicroelectronics STP16CP596 Datasheet HTML 23Page - STMicroelectronics STP16CP596 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
9 Package mechanical data
STP16CP596
20/26
Table 10.
TSSOP24 Mechanical data
Ref
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.1
0.043
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
7.7
7.9
0.303
0.311
E
4.3
4.5
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.5
0.246
0.256
K
0°
8°
0°
8°
L
0.50
0.70
0.020
0.028
Figure 19. TSSOP24 Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26