| 전자부품 데이터시트 검색엔진 |
|
STMPE1208S 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1208S 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 51 page ![]() STMPE1208S Register map and function description 25/51 GPIO_STA_L GPIO state register L Address: 0x1E Type: R/W Reset: 0x00 Description: If a DIO is set to function as GPIO (GPIO_CFG register) and output (GPIO_DIR register), the bits in this register would determine the output value of the corresponding GPIO. Applicable for GPIOs 0 - 7. GPIO_STA_H GPIO state register H Address: 0x1F Type: R/W Reset: 0x00 Description: If a DIO is set to function as GPIO (GPIO_CFG register) and output (GPIO_DIR register), the bits in this register would determine the output value of the corresponding GPIO. Applicable for GPIOs 8 - 11. GPIO_CFG_L GPIO configuration register Address: 0x20 Type: R/W Reset: 0x00 Description: Writing ‘1’ in this GPIO configuration register sets the corresponding DIO as GPIO. Applicable for GPIOs 0-7. GPIO_CFG_H GPIO configuration register Address: 0x21 Type: R/W Reset: 0x00 Description: Writing ‘1’ in this GPIO configuration register sets the corresponding DIO as GPIO. Applicable for GPIOs 8-11. 7654 3 2 1 0 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 7654 3 2 1 0 RESERVED IO-11 IO-10 IO-9 IO-8 7654 3 2 1 0 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 7654 3 2 1 0 RESERVED IO-11 IO-10 IO-9 IO-8 |