| 전자부품 데이터시트 검색엔진 |
|
STMPE1208S 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1208S 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 51 page ![]() STMPE1208S Register map and function description 29/51 INT_MASK Interrupt mask Address: 0x26 Type: R/W Reset: 0x08 Description: Writing '1' to this register disables the corresponding interrupt source. 7654 3 2 1 0 - EOC EINT - I2A A2I TOUCH [7] RESERVED [6] EOC: End of calibration. [5] EINT: EINT interrupt sources (GPIO input) changes. [4:3] RESERVED [2] I2A: SLEEP to active transition [1] A2I: Active to idle transition [0] TOUCH: Touch detect. |