| 전자부품 데이터시트 검색엔진 |
|
EMIF10-COM01C2 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EMIF10-COM01C2 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 7 page ![]() Ordering information EMIF10-COM01C2 6/7 Figure 13. Flip-Chip tape and reel specification In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Note: More informations are available in the application notes: AN1235: “Flip-Chip: Package description and recommendations for use” AN1751: "EMI Filters: Recommendations and measurements" 4 Ordering information 5 Revision history Dot identifying Pin A1 location User direction of unreeling All dimensions in mm 4 +/- 0.1 4 +/- 0.1 Ø 1.5 +/- 0.1 0.73 +/- 0.05 Ordering code Marking Package Weight Base qty Delivery mode EMIF10-COM01C2 FE Flip-Chip 8.3 mg 5000 Tape and reel Date Revision Description of Changes 12-Jul-2005 1 First issue. 12-Aug-2005 2 Lead free added in Benefits on page 1. ECOPACK statement added on page 6. 27-Jan-2006 3 Improved graphics to show coating. Updated attenuation measurement graphic (Figure 3). Weight corrected. 04-Apr-2006 4 Reformatted to current standard. Pin identification in Figure 1 updated. |