전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNBH23 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 LNBH23
상세설명  LNBs supply and control IC with step-up and I²C interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button LNBH23 Datasheet HTML 24Page - STMicroelectronics LNBH23 Datasheet HTML 25Page - STMicroelectronics LNBH23 Datasheet HTML 26Page - STMicroelectronics LNBH23 Datasheet HTML 27Page - STMicroelectronics LNBH23 Datasheet HTML 28Page - STMicroelectronics LNBH23 Datasheet HTML 29Page - STMicroelectronics LNBH23 Datasheet HTML 30Page - STMicroelectronics LNBH23 Datasheet HTML 31Page - STMicroelectronics LNBH23 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LNBH23
Package mechanical data
29/32
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
30.4
1.197
Ao
10.8
11.0
0.425
0.433
Bo
10.7
10.9
0.421
0.429
Ko
2.65
2.85
0.104
0.112
Po
3.9
4.1
0.154
0.161
P1
11.9
12.1
0.469
0.476
W23.7
24.3
0.933
0.957
Tape & reel PowerSSO-24 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32