전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNBH23 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 LNBH23
상세설명  LNBs supply and control IC with step-up and I²C interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button LNBH23 Datasheet HTML 24Page - STMicroelectronics LNBH23 Datasheet HTML 25Page - STMicroelectronics LNBH23 Datasheet HTML 26Page - STMicroelectronics LNBH23 Datasheet HTML 27Page - STMicroelectronics LNBH23 Datasheet HTML 28Page - STMicroelectronics LNBH23 Datasheet HTML 29Page - STMicroelectronics LNBH23 Datasheet HTML 30Page - STMicroelectronics LNBH23 Datasheet HTML 31Page - STMicroelectronics LNBH23 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Package mechanical data
LNBH23
30/32
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
5.25
0.207
Bo
5.25
0.207
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (5x5 mm.) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32