전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP30NE03L 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STP30NE03L
상세설명  N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE03L 데이터시트(HTML) 6 Page - STMicroelectronics

  STP30NE03L Datasheet HTML 1Page - STMicroelectronics STP30NE03L Datasheet HTML 2Page - STMicroelectronics STP30NE03L Datasheet HTML 3Page - STMicroelectronics STP30NE03L Datasheet HTML 4Page - STMicroelectronics STP30NE03L Datasheet HTML 5Page - STMicroelectronics STP30NE03L Datasheet HTML 6Page - STMicroelectronics STP30NE03L Datasheet HTML 7Page - STMicroelectronics STP30NE03L Datasheet HTML 8Page - STMicroelectronics STP30NE03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STP30NE03L/FP
6/9



Html Pages

1 2 3 4 5 6 7 8 9