전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320C6745PTP2 데이터시트(PDF) 39 Page - Texas Instruments

부품명 TMS320C6745PTP2
상세설명  Floating-point Digital Signal Processor
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 데이터시트(HTML) 39 Page - Texas Instruments

Back Button TMS320C6745PTP2 Datasheet HTML 35Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 36Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 37Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 38Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 39Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 40Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 41Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 42Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 209 page
background image
4.2.2
PINMUX1 Register Definition (Address 0x01C1 4124 )
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377A – SEPTEMBER 2008 – REVISED OCTOBER 2008
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PINMUX1[31:28]
PINMUX1[27:24]
PINMUX1[23:20]
PINMUX1[19:16]
R/W-0
R/W-0
R/W-0
R/W-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PINMUX1[15:12]
PINMUX1[11:8]
PINMUX1[7:4]
PINMUX1[3:0]
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value at reset
Figure 4-2. PINMUX1 Register Bit Layout
Table 4-3. Field Descriptions for PINMUX1
Bits
Field
ZKB
PTP
Description
Ball
Pin
31:28
PINMUX1[31:28]
C11
97
EMB_A[5] / GP7[7] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[5]
1000 = Selects Output Function GP7[7]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
27:24
PINMUX1[27:24]
D11
98
EMB_A[4] / GP7[6] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[4]
1000 = Selects Output Function GP7[6]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
23:20
PINMUX1[23:20]
A10
100
EMB_A[3] / GP7[5] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[3]
1000 = Selects Output Function GP7[5]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
19:16
PINMUX1[19:16]
B10
101
EMB_A[2] / GP7[4] Control
0000 = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[2]
1000 = Selects Output Function GP7[4]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
15:12
PINMUX1[15:12]
C10
102
EMB_A[1] / GP7[3] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[1]
1000 = Selects Output Function GP7[3]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
11:8
PINMUX1[11:8]
D10
103
EMB_A[0] / GP7[2] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_A[0]
1000 = Selects Output Function GP7[2]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
7:4
PINMUX1[7:4]
C9
107
EMB_BA[0] / GP7[1] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_BA[0]
1000 = Selects Output Function GP7[1]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
3:0
PINMUX1[3:0]
B9
106
EMB_BA[1] / GP7[0] Control
0000 [Default] = Pin is tri-stated.
0100 = Reserved - Behavior is Undefined
0001 = Selects Output Function EMB_BA[1]
1000 = Selects Output Function GP7[0]
0010 = Reserved - Behavior is Undefined
other = Reserved - Behavior is Undefined.
Submit Documentation Feedback
Device Configuration
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com