전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320C6745PTP2 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TMS320C6745PTP2
상세설명  Floating-point Digital Signal Processor
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 데이터시트(HTML) 2 Page - Texas Instruments

  TMS320C6745PTP2 Datasheet HTML 1Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 2Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 3Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 4Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 5Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 6Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 7Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 209 page
background image
TMS320C6745/6747 Floating-point Digital Signal Processor
SPRS377A – SEPTEMBER 2008 – REVISED OCTOBER 2008
www.ti.com
–
End Points 1,2,3,4 (Control, Bulk, Interrupt
–
Dedicated 16-Bit Time-Base Counter With
or ISOC) Rx and Tx
Period And Frequency Control
–
6 Single Edge, 6 Dual Edge Symmetric or 3
• Three Multichannel Audio Serial Ports:
Dual Edge Asymmetric Outputs
–
Transmit/Receive Clocks up to 50 MHz
–
Dead-Band Generation
–
Six Clock Zones and 28 Serial Data Pins
–
PWM Chopping by High-Frequency Carrier
–
Supports TDM, I2S, and Similar Formats
–
Trip Zone Input
–
DIT-Capable (McASP2)
• Three 32-Bit Enhanced Capture Modules
–
FIFO buffers for Transmit and Receive
(eCAP):
• 10/100 Mb/s Ethernet MAC (EMAC):
–
Configurable as 3 Capture Inputs or 3
–
IEEE 802.3 Compliant (3.3-V I/O Only)
Auxiliary Pulse Width Modulator (APWM)
–
RMII Media Independent Interface
outputs
–
Management Data I/O (MDIO) Module
–
Single Shot Capture of up to Four Event
• One Host-Port Interface (HPI) With 16-Bit-Wide
Time-Stamps
Muxed Address/Data Bus For High Bandwidth
• Two 32-Bit Enhanced Quadrature Encoder
• Real-Time Clock With 32 KHz Oscillator and
Pulse Modules (eQEP)
Separate Power Rail
• C6747 Device:
• One 64-Bit General-Purpose Timer
–
256-Ball Pb-Free Plastic Ball Grid Array
(Configurable as Two 32-Bit Timers)
(PBGA) [ZKB Suffix], 1.0-mm Ball Pitch
• One 64-Bit General-Purpose Timer (Watch
• C6745 Device
Dog)
–
176-Pin Thin Quad Flat Pack (TQFP) [PTP
Suffix], 0.5-mm Pin Pitch
• Three Enhanced Pulse Width Modulators
(eHRPWM):
• Commercial or Extended Temperature
2
TMS320C6745/6747 Floating-point Digital Signal Processor
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com