전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6756D 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 L6756D
상세설명  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 12Page - STMicroelectronics L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics L6756D Datasheet HTML 19Page - STMicroelectronics L6756D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Electrical specifications
L6756D
16/36
Table 7.
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV
VID4 VID3 VID2 VID1 VID0 VID5 VID6
Output
voltage
VID4 VID3 VID2 VID1 VID0 VID5 VID6
Output
voltage
01
01011
1.60000
1101
011
1.20000
01
01010
1.59375
1101
010
1.19375
01
01101
1.58750
1101
101
1.18750
01
01100
1.58125
1101
100
1.18125
01
01111
1.57500
1101
111
1.17500
01
01110
1.56875
1101
110
1.16875
01
10001
1.56250
1110
001
1.16250
01
10000
1.55625
1110
000
1.15625
01
10011
1.55000
1110
011
1.15000
01
10010
1.54375
1110
010
1.14375
01
10101
1.53750
1110
101
1.13750
01
10100
1.53125
1110
100
1.13125
01
10111
1.52500
1110
111
1.12500
01
10110
1.51875
1110
110
1.11875
01
11001
1.51250
1111
001
1.11250
01
11000
1.50625
1111
000
1.10625
01
11011
1.50000
1111
011
1.10000
01
11010
1.49375
1111
010
1.09375
01
11101
1.48750
1111
101
OFF
01
11100
1.48125
1111
100
OFF
01
11111
1.47500
1111
111
OFF
01
11110
1.46875
1111
110
OFF
10
00001
1.46250
0000
001
1.08750
10
00000
1.45625
0000
000
1.08125
10
00011
1.45000
0000
011
1.07500
10
00010
1.44375
0000
010
1.06875
10
00101
1.43750
0000
101
1.06250
10
00100
1.43125
0000
100
1.05625
10
00111
1.42500
0000
111
1.05000
10
00110
1.41875
0000
110
1.04375
10
01001
1.41250
0001
001
1.03750
10
01000
1.40625
0001
000
1.03125
10
01011
1.40000
0001
011
1.02500
10
01010
1.39375
0001
010
1.01875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36